Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC12F08 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APC12F08
Description  40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12F08 Datasheet(HTML) 1 Page - Astec America, Inc

  APC12F08 Datasheet HTML 1Page - Astec America, Inc APC12F08 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
2
Special Features
Electrical Specs
40 Watts
APC12 (12 Amps)
Preliminary
• Point of load (POL) applications
• High efficiency, 3.3V @ 92% (Typ)
• -40°C to +85°C Ambient operating
temperature
• Open Frame SMT
• Positive enable function
• Low output ripple and noise
• Regulation to zero load
• Programmable Output from 0.9V to 3.6V
(External Trim Resistor or Voltage Source)
• Fixed frequency switching (200 kHz)
Environmental
Operating temperature
-40°C to +85°C
Storage temperature: -40°C to +125°C
MTBF: >1 million hours
Input
Input range
1.8-6.0VDC and 5.6-13.0VDC
Input Surge
7V for 03 version
14V for 08 version
Efficiency
3V3 @ 92% (Typ)
Control
Enable
TTL compatible
(positive enable)
Output
Regulation
(Line, Load, Temp)
<3%
Ripple and noise1
75mV - (2.5V to 3.6V Output)
50mV - (0.9V to 2.4V Output)
Output voltage
adjust range
0.9V to 3.6V
Transient Response
typical 5% deviation with
50% to 75% full load
650 µS recovery
Isolation
Non-Isolated module
Specifications subject to change without notice.
Safety
UL, cUL 609500 Recognized
TUV
EN60950 Licensed
Total Power:
40 Watts
Input Voltages:
1.8 to 13 V
No. of Outputs:
Single
REV C:JANUARY 03


Similar Part No. - APC12F08

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12F08 ASTEC-APC12F08 Datasheet
671Kb / 23P
Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
APC12F08-9J ASTEC-APC12F08-9J Datasheet
671Kb / 23P
Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
APC12F08-9MAJ ASTEC-APC12F08-9MAJ Datasheet
671Kb / 23P
Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
More results

Similar Description - APC12F08

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
40 Watts
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
40 Watts
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
DP40 40 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com