Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHIP_ID Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CHIP_ID
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CHIP_ID Datasheet(HTML) 4 Page - Omron Electronics LLC

  CHIP_ID Datasheet HTML 1Page - Omron Electronics LLC CHIP_ID Datasheet HTML 2Page - Omron Electronics LLC CHIP_ID Datasheet HTML 3Page - Omron Electronics LLC CHIP_ID Datasheet HTML 4Page - Omron Electronics LLC CHIP_ID Datasheet HTML 5Page - Omron Electronics LLC CHIP_ID Datasheet HTML 6Page - Omron Electronics LLC CHIP_ID Datasheet HTML 7Page - Omron Electronics LLC CHIP_ID Datasheet HTML 8Page - Omron Electronics LLC CHIP_ID Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
4
Copyright 2017 OMRON Corporation. All Rights Reserved.
1.5 Digital Interface Characteristics
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Digital Input Low Voltage
Vil_d
-
-
Vio*0.2
V
Digital Input High Voltage
Vih_d
Vio*0.8
-
-
V
Digital Input Hysterisis Voltage
Vidhys
Vio*0.1
-
-
V
Digital Output Low Voltage(I²C)
Vol_d1
Io=3mA (SDI) *1)
0
-
Vio*0.2
V
Digital Output Low Voltage(SPI)
Vol_d2
Io=1mA (SDI,SDO)
*1)
0
-
Vio*0.2
V
Digital Output High Voltage1 (SPI)
(Vio>=1.62V)
Voh_d1
Io=1mA (SDI,SDO)
*1)
Vio*0.8
-
-
V
Digital Output High Voltage2 (SPI)
(Vio>=1.2V)
Voh_d2
Io=1mA (SDI,SDO)
*1)
Vio*0.6
Leakage Current at Output OFF
Ioff
SDI,SDO
-10
-
10
uA
Internal Pullup Resistor
Rpullup
CSB
70
120
190
kohm
I²C Load Capacitance
Cb
SDI,SCK
-
-
400
pF
Load Capacitance of
Reset Terminal
Crst
-
-
20
pF
Pulse Width of
Asynchronous Reset
Trst
100
-
-
μsec
Power On Startup Time
Tstart
-
-
10
msec
Note. *1)
“Io” is the load current of the output terminal.
*2) Undescribed items are compliant with the I²C specification.
About detailed I²C bus information, please refer to the I²C bus specification and user manual
presented by NXP.
1.6 Characteristics by Oversampling setting (Force mode)
Oversampling setting
Pressure
oversampling
Temperature
oversampling
Measurement
time Typ.
ODR
@standby 1ms
Typ.
Average
Current Typ.
@1sample/sec
force-mode
rms Noise
Typ.
unit
-
-
msec
Hz
uA
Pa
High speed
2
1
5.5
153
4.1
5.2
Low power
4
1
7.2
121
5.2
3.7
Standard
8
1
10.6
86
7.3
2.6
High accuracy
16
2
18.3
51
12.0
1.8
Ultra High accuracy
32
4
33.7
28
21.4
1.3
(
At Ta=25 degC, VDD=1.8V, CPU Clock Frequency=300kHz, unless otherwise noted)
Note. *1) These characteristics are guaranteed by design.
*2) ODR is defined as Output data rate at standby time 1msec.
1.7 rms Noise by IIR Filter Selection
Oversampling setting
Typical rms Noise in Pressure [Pa]
IIR filter coefficient
off
2
4
8
16
32
High speed
5.2
2.5
1.6
1.1
0.8
0.5
Low power
3.7
1.8
1.1
0.8
0.5
0.4
Standard
2.6
1.3
0.8
0.5
0.4
0.3
High accuracy
1.8
0.9
0.6
0.4
0.3
0.3
Ultra High accuracy
1.3
0.6
0.4
0.3
0.3
0.2
(
At Ta=25 degC, VDD=1.8V, unless otherwise noted)
Note. *1) IIR : Infinite Impulse Response.
*2) These characteristics are guaranteed by design.
*3) Initial setting of the IIR filter coefficient is
“off”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com