Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1H-CPU65H-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CJ1H-CPU65H-R
Description   Integrated Loop Control and Sequence
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU65H-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  CJ1H-CPU65H-R Datasheet HTML 1Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU65H-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CJ1G-CPU4
@P
Function Specifications
Item
Description
Operation method
Function block method
Number of
function
blocks
Total
CJ1G-CPU42P: 71 blocks max., CJ1G-CPU43/44/45P: 501 blocks max.
Analog
operation
Control
Blocks
PID and other control functions
LCB01: 50 blocks max.,
LCB03: 300 blocks max.
Operation
Blocks
Alarm, square root operation, time operations, pulse train
operation, and other operation functions for various processes
Sequential
Control
Step
Ladder
Program
block
Logic sequence and step sequence functions
4,000 commands max.
100 commands/1 block max.
Can be divided into 100 steps max.
100 commands/1 step max.
I/O block
Field
Terminal
block
Analog I/O function with Analog I/O Unit, contact I/O function
with Basic I/O Unit
80 blocks max.
User link
tables
Analog data I/O and contact data I/O function for CPU Unit
Can be added to CSV tags.
2,400 data max.
HMI
function
I/O function for function block ITEM data for Control, Operation,
External Controller, and System Common blocks for CPU Unit
Control/Operation Blocks
LCB01: 50 blocks max. + 20
send/receive words
LCB03: 300 blocks max. + 20
send/receive words
System Common Block
20 send/receive words
Real PV Input Monitor Area
LCB01: 50 words max.
LCB03: 300 words max.
System Common block
System common operation cycle setting, run/stop command,
load rate monitor, etc.
Single block
Function block data preparation/
download
Function block data prepared by CX-Process Tool (sold separately) and downloaded to Loop Controller
Execution
of
function
blocks
Function
block
execution
conditions
Common
to all
function
blocks
• Operation of all function blocks by turning power ON to the PLC (Hot or cold start can be specified.) For
cold starts, function block data is transferred from flash memory to RAM.
• Function block operation can be stopped by CX-Process Tool or FINS command.
• Hot start (state active before Board was stopped is continued before operation is started) or cold start
(all state signals and function block internally held values are cleared before operation is started) is
possible by CX-Process Tool or FINS command.
For
individual
function
block
Function block operation can be stopped and hot start (state active before Unit was stopped is continued
before operation is started) is possible by CX-Process Tool or FINS command.
Function block
operation cycle
Standard: Operation of all function blocks is executed at the same operation cycle preset to ITEM 004 in
the System Common block.
Settable operation cycles: 0.1 s, 0.2 s, 0.5 s, 1 s, 2 s (default: 1 s)
Note: Cannot be set to the same operation cycle for some function blocks.
Option: Operation of individual function blocks is executed at the same operation cycle preset to ITEM 004
in the System Common block.
Settable operation cycles: 0.01 seconds, 0.02 seconds, 0.05 seconds, 0.1 seconds, 0.2 seconds,
0.5 seconds, 1 second, and 2 seconds (default: 1 second)
Note: The external I/O response cycle on a single control loop does not necessarily match the operation
cycle. The response cycle is heavily dependent on the CPU Unit's cycle time. (See the external I/O
response cycle item below.)
Function blocks
supporting
high-speed operation
The following operation cycles can be set for the blocks listed below: 0.01, 0.02, and 0.05 s.
Control/Operation blocks: Block Models 016, 150, 151, 155 to 157, 167, 182 to 184, 186, and 221 to 224
Sequence control and Field Terminal blocks
Execution
of
function
blocks
LCB load rate
The "LCB load rate" refers to the ratio between the actually applied execution time and preset operation
cycle.
The maximum value and current value are displayed for each operation cycle group on the CX-Process
Tool.
A LCB load rate of 80% or less is required in all operation cycle groups.
When the load rate exceeds 80% for 6 seconds, the LCB load rate automatically changes to the next
longer operation cycle. (This is called the "automatic operation cycle switching function.")
Note: The High Load Alarm Flag (A42408) turns ON if the load rate exceeds 80% for 6 seconds
consecutively (non-fatal Inner Board error). (If execution is not possible within the operation cycle,
the operation cycle will be extended.) If this happens, select the function blocks that can have longer
operation cycles and increase their operation cycles. If the load rate is still too high, processing of
the function blocks must be separated for processing by additional Loop Control Units.
External I/O response cycle
The time from external input of analog signals up to external output of analog signals on a single control
loop depends on the function block's operation cycle and the CPU Unit's cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com