Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL-Q5MB1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # TL-Q5MB1
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  TL-Q5MB1 Datasheet HTML 1Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 2Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 3Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CSM_TL-N/TL-Q_DS_E_14_2
1
Rectangular Standard Proximity Sensor
TL-N/TL-Q
A Wealth of Models for All Types of
Applications
• Easy installation, high-speed pulse generator, high-speed
rotation control, and more.
• Direct mounted to metal (-N Models).
• A wealth of models ideal for limit control, counting control, and
other applications (-N Models).
Ordering Information
Sensors [Refer to Dimensions on page 10.]
DC 2-Wire Models
*1. Models with a different frequency are available to prevent mutual interference. The model numbers are TL-N
@MD@5 and TL-Q5MD@5 (e.g., TL-N7MD15).
*2. Models are also available with robotics (bend resistant) cables . Add “-R” to the model number. (e.g., TL-Q5MD1-R 2M)
DC 3-Wire and AC 2-Wire Models
*1. Models with a different frequency are available to prevent mutual interference. The model numbers are TL-
@@M@@5 (e.g., TL-N5ME15).
*2. Models are also available with robotics (bend resistant) cables . Add “-R” to the model number. (e.g., TL-Q5MC1-R 2M)
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Appearance
Sensing distance
Model
Operation mode
NO
NC
17
× 17
TL-Q5MD1 2M *1 *2TL-Q5MD2 2M *1
25
× 25
TL-N7MD1 2M *1
TL-N7MD2 2M *1
30
× 30
TL-N12MD1 2M *1
TL-N12MD2 2M *1
40
× 40
TL-N20MD1 2M *1
TL-N20MD2 2M *1
Unshielded
5 mm
7 mm
12 mm
20 mm
Appearance
Sensing distance
Output configuration
Model
Operation mode
NO
NC
8
× 9
DC 3-wire, NPN
TL-Q2MC1 2M
—
17
× 17
TL-Q5MC1 2M *1 *2
TL-Q5MC2 2M
DC 3-wire, PNP
TL-Q5MB1 2M
—
25
× 25
DC 3-wire, NPN
TL-N5ME1 2M *1 *2
TL-N5ME2 2M *1
AC 2-wire
TL-N5MY1 2M *1
TL-N5MY2 2M *1
30
× 30
DC 3-wire, NPN
TL-N10ME1 2M *1 *2
TL-N10ME2 2M *1
DC 3-wire, PNP
TL-N10MF1 2M *1
—
AC 2-wire
TL-N10MY1 2M *1
TL-N10MY2 2M *1
40
× 40
DC 3-wire, NPN
TL-N20ME1 2M *1 *2
TL-N20ME2 2M *1
AC 2-wire
TL-N20MY1 2M *1
TL-N20MY2 2M *1
Unshielded
2 mm
5 mm
5 mm
10 mm
20 mm


Similar Part No. - TL-Q5MB1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-Q5MC1 OMRON-TL-Q5MC1 Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
TL-Q5MC1-R OMRON-TL-Q5MC1-R Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
TL-Q5MC2 OMRON-TL-Q5MC2 Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
TL-Q5MD1 OMRON-TL-Q5MD1 Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
TL-Q5MD15 OMRON-TL-Q5MD15 Datasheet
119Kb / 9P
Compact Rectangular Inductive Prox
More results

Similar Description - TL-Q5MB1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-C1C1 OMRON-E2E-C1C1 Datasheet
2Mb / 36P
Standard Proximity Sensor
E2E-X1C1 OMRON-E2E-X1C1 Datasheet
2Mb / 36P
Standard Proximity Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
MINIATURE STANDARD PROXIMITY SENSOR
logo
Panasonic Semiconductor
GX-F6A PANASONIC-GX-F6A Datasheet
990Kb / 16P
Rectangular-shaped Inductive Proximity Sensor
logo
Carlo Gavazzi Holding A...
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com