Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL32-R1000 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # HLMP-EL32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EL32-R1000 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button HLMP-EL32-R1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 14Page - Broadcom Corporation. HLMP-EL32-R1000 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Broadcom
AV02-0373EN
11
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Figure 2: Relative Intensity vs. Peak Wavelength
Figure 3: Forward Current vs. Forward Voltage
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
ORANGE
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
AMBER
70
80
90
Figure 4: Relative Luminous Intensity vs. Forward Current
Figure 5: Maximum Forward Current vs. Ambient
Temperature
0
0
IF – DC FORWARD CURRENT – mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA – AMBIENT TEMPERATURE – C
40
80
50
45
35
25
15
5
55
40
30
20
10
20
60
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com