Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # SD103C
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

SD103C Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  SD103C Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. SD103C Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diode.co.kr
2.
FIG.3 -- TYPICAL VARIATION OF REVERSE CURRENT AT
XXXXXXXXX
VARIATION TEMPERATURES
SD103A---SD103C
FIG.1 -- TYPICAL VARIATION OF FWD. CURRENT VS FWD.
XXXXXXXX-VOLTAGE FOR PRIMARY CONDUCTION THROUGH THE
XXXXXXXX-SCHOTTKY BARRIER
FIG.2 -- TYPICAL FORWARD CONDUCTION CURVE OF
XXXXX COMBINATION SCHOTTKY BARRIER AND PN
XXXXX JUNCTION GUARD RING
RATINGSANDCHARACTERISTIC CURVES
FIG.4 -- TYPICAL CAPACITANCE CURVE AS A
JUNCTION OF REVERSE VOLTAGE
0.001
0.010
0.100
1.000
10.000
100.000
1000.000
0
100 200 300 400 500 600 700 800 900 1000
V F – Forward Voltage ( mV )
1000
100
10
1
0.1
0.01
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
V F – F orward Voltage ( V )
0
5
10
15
20
25
30
0
5
10
15
20
25
30
V R – R everse Voltage ( V )
f=1MHz
1
10
100
1000
10000
0
20
40
60
80
100 120 140 160
Tj – J unction Temperature ( °C )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com