Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUD03F48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AUD03F48
Description  10 Watts Embedded Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03F48 Datasheet(HTML) 1 Page - Astec America, Inc

  AUD03F48 Datasheet HTML 1Page - Astec America, Inc AUD03F48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AUD Series
10 Watts
Special Features
• Ultra Low Profile - 4.3mm
• Efficiency - 89% @ 5V
• -40°C to +85°C Operating
temperature(Ambient)
• Open Frame SMT
• Low output ripple and noise
• Regulation to zero load
• CISPR22, Class A for Conduct
and Radiated EMI
• Parallel Application
• Pb-free reflow compatible
and ROHS compliant
Total Power:
10 Watts
Input Voltage: 36V - 75V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
36 - 60 VDC
36 - 75VDC (forced air 0.5m/s)
Efficiency
89% @ 5Vo
Output
Line / Load Regulation
+5%, -3%
Noise / Ripple
50mV p-p
OVP
120% of Vonom (latch-up)
OCP
3.6A for 1.5V
3.1A for 1.8V - 3.3V
2.1A for 5V
LVP
90% of Vonom (latch-up)
Isolation
1500VDC
Control
Enable
ON: RC pin connected to -Vin or open
OFF: RC pin connected to +Vin
UL
60950
CE
CE Mark
Rev. 09.23.05
AUD Series
1of 2
Ambient Operating temperature
-40°C to +85°C (forced air 0.2m/s)
Storage temperature
-45°C to +90°C
Environmental Specifications


Similar Part No. - AUD03F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03F48 ASTEC-AUD03F48 Datasheet
315Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Emerson Network Power
AUD03F48 EMERSON-NETWORKPOWER-AUD03F48 Datasheet
87Kb / 2P
Ultra Low Profile - 4.3mm
More results

Similar Description - AUD03F48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
10 Watts
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
15 Watts Embedded Power
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
30 Watts Embedded Power
AUM03M48 ASTEC-AUM03M48 Datasheet
77Kb / 2P
10 Watts Embedded Power
AVC06S04 ASTEC-AVC06S04 Datasheet
78Kb / 2P
20 Watts Embedded Power
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
341Kb / 3P
10 WATTS OUTPUT POWER
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
10 Watts Maximum Output Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com