Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHB0412-R68M Datasheet(PDF) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSHB0412-R68M
Description  Molding Power Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSHB0412-R68M Datasheet(HTML) 3 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSHB0412-R68M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSHB0412-R68M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSHB0412-R68M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSHB0412-R68M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSHB0412-R68M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSHB0412 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
5 Packing Specification
5.1 Carrier Tape Dimensions (mm)
Φ1.5
2.0±0.1
4.0±0.1
1.75±0.1
+0.1
-0
A-A
8.0±0.1
A
B
A
12.0±0.3
5.5±0.1
(4.75)
B
1.55±0.1
1.70 Ref
4.9±0.1
0.3±0.05
4.5±0.1
B-B
※ Packing is referred to the international standard IEC 60286-3.
5.2 Reel Dimensions (mm)
100 Min.
21.0±0.8
13.0±0.5
2.0±0.5
W1
12.4
18.4Max
W2
330±2.0
11.9Min
W3
+2.0
-0
5.3 Carton Dimensions and Packing Quantity
■ Inner Carton
:340×340×95mm
■ Out Carton
:360×360×370mm
Product Series
Quantity / Reel
Inner Carton Quantity
Out Carton Quantity
CSHB0412
3000pcs
(3000
×4) = 12000pcs
(12000
×3) = 36000pcs
Cover tape peeling off condition
■ Cover tape peeling force shall be 0.1 to 1.3N.
■Reference peeling speed 300±10mm/min.
Label
Cover tape
Sprocket hole
Unreeling direction
165°~180°
Carrier tape
Unreeling direction
Cover tape
Pull direction



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com