Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAD0880-330M Datasheet(PDF) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSAD0880-330M
Description  Molding Power Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSAD0880-330M Datasheet(HTML) 2 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSAD0880-330M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSAD0880-330M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSAD0880-330M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSAD0880-330M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSAD0880-330M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molding Power Choke
CSAD0880 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
4 Saturation Current vs Temperature Rise Current Curve
0
10
20
30
40
50
60
70
0.00
0.30
0.60
0.90
1.20
1.50
1.80
2.10
0.0
6.0
12.0
18.0
24.0
30.0
CSAD0880-1R5M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
0.0
4.4
8.8
13.2
17.6
22.0
CSAD0880-2R2M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.60
1.20
1.80
2.40
3.00
3.60
4.20
0.0
4.0
8.0
12.0
16.0
20.0
CSAD0880-3R3M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
0.80
1.60
2.40
3.20
4.00
4.80
5.60
0.0
3.6
7.2
10.8
14.4
18.0
CSAD0880-4R7M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0.0
2.6
5.2
7.8
10.4
13.0
CSAD0880-5R6M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
1.20
2.40
3.60
4.80
6.00
7.20
8.40
0.0
2.2
4.4
6.6
8.8
11.0
CSAD0880-6R8M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
1.50
3.00
4.50
6.00
7.50
9.00
10.50
0.0
1.8
3.6
5.4
7.2
9.0
CSAD0880-8R2M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
0.0
1.8
3.6
5.4
7.2
9.0
CSAD0880-100M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
3.00
6.00
9.00
12.00
15.00
18.00
21.00
0.0
1.6
3.2
4.8
6.4
8.0
CSAD0880-150M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
4.00
8.00
12.00
16.00
20.00
24.00
28.00
0.0
1.4
2.8
4.2
5.6
7.0
CSAD0880-220M
L(
μH)
ΔT(℃)
Idc(A)
0
10
20
30
40
50
60
70
0.00
6.00
12.00
18.00
24.00
30.00
36.00
42.00
0.0
1.0
2.0
3.0
4.0
5.0
CSAD0880-330M
L(
μH)
ΔT(℃)
Idc(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com