Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1MSP1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # S1MSP1
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER POWERDI123
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MSP1 Datasheet(HTML) 4 Page - Diodes Incorporated

  S1MSP1 Datasheet HTML 1Page - Diodes Incorporated S1MSP1 Datasheet HTML 2Page - Diodes Incorporated S1MSP1 Datasheet HTML 3Page - Diodes Incorporated S1MSP1 Datasheet HTML 4Page - Diodes Incorporated S1MSP1 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
S1MSP1
Document number: DS38079 Rev. 3 - 2
4 of 5
www.diodes.com
September 2016
© Diodes Incorporated
S1MSP1
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI123
PowerDI123
Dim
Min
Max
Typ
A
0.93
1.00
0.98
A3
0.15
0.25
0.20
b
0.85
1.25
1.00
b2
1.025
1.125
1.10
D
1.63
1.93
1.78
E
3.50
3.90
3.70
E1
2.60
3.00
2.80
L
0.40
0.50
0.45
L1
1.25
1.40
1.35
L3
0.125
0.275
0.20
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI123
Dimensions
Value
(in mm)
G
0.65
X
1.05
X1
2.40
X2
4.10
Y
1.50
Y1
1.50
Note: For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance
distances between device terminals and PCB tracking.
D
E
L1
L3
L3
L(2X)
E1
A
A3
b2
b
X
X1
Y1
G
Y
X2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com