Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25YD28-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 25YD28-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25YD28-R Datasheet(HTML) 2 Page - Vishay Siliconix

  25YD28-R Datasheet HTML 1Page - Vishay Siliconix 25YD28-R Datasheet HTML 2Page - Vishay Siliconix 25YD28-R Datasheet HTML 3Page - Vishay Siliconix 25YD28-R Datasheet HTML 4Page - Vishay Siliconix 25YD28-R Datasheet HTML 5Page - Vishay Siliconix 25YD28-R Datasheet HTML 6Page - Vishay Siliconix 25YD28-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
25Y Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
2
Document Number: 23105
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings of 7.5 mm and 10 mm are available bulk or tape and reel on request
• Minimum lead clearance according to IEC 60384-14: 0.118" (3 mm)
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document
www.vishay.com/doc?23140.
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X1 / Y2 CAPACITORS 25Y
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
ORDERING
CODE
AWG
INCH (mm)
Y5S TEMPERATURE STABLE (± 22 %, -30 °C TO +85 °C)
1000
± 20
0.330 (8.4)
0.170 (4.3)
22
0.025 (0.64)
0.250 (6.4)
0.075 (1.9)
25YD10-R
1500
0.400 (10.2)
0.175 (4.4)
0.079 (2.0)
25YD15-R
2000
0.430 (10.9)
0.170 (4.3)
0.075 (1.9)
25YD20-R
2200
0.460 (11.7)
0.079 (2.0)
25YD22-R
2700
0.490 (12.4)
0.075 (1.9)
25YD27-R
2800
0.530 (13.5)
0.175 (4.4)
0.079 (2.0)
25YD28-R
3000
0.530 (13.5)
0.175 (4.4)
0.079 (2.0)
25YD30-R
3200
0.560 (14.2)
0.185 (4.7)
20
0.032 (0.81)
0.375 (9.5)
0.087 (2.2)
25YD32-R
3300
0.560 (14.2)
0.087 (2.2)
25YD33-R
3900
0.620 (15.7)
0.087 (2.2)
25YD39-R
4000
0.620 (15.7)
0.175 (4.4)
0.083 (2.1)
25YD40-R
4700
0.680 (17.3)
0.185 (4.7)
0.087 (2.2)
25YD47-R
5000
0.680 (17.3)
0.185 (4.7)
0.087 (2.2)
25YD50-R
5500
0.720 (18.3)
0.190 (4.7)
0.091 (2.3)
25YD55-R
5600
0.720 (18.3)
0.190 (4.7)
0.091 (2.3)
25YD56-R
6800
0.790 (20.1)
0.185 (4.7)
0.087 (2.2)
25YD68-R
8000
0.900 (22.9)
0.200 (5.1)
0.102 (2.6)
25YD80-R
0.125
max. (3.2)
Tinned Copper Leads
1.250 min.
(32)
T
max.
LS
Ø
D
max.
LO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com