Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR140LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR140LP
Description  1.0A SBR® SUPER BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR140LP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR140LP Datasheet HTML 1Page - Diodes Incorporated SBR140LP Datasheet HTML 2Page - Diodes Incorporated SBR140LP Datasheet HTML 3Page - Diodes Incorporated SBR140LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR140LP
Document number: DS31404 Rev. 5 - 2
2 of 4
www.diodes.com
April 2015
© Diodes Incorporated
SBR140LP
SBR is a registered trademark of Diodes Incorporated.
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (See Figure 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient (Note 6)
RJA
300
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
40
—
—
V
IR = 100µA
Forward Voltage Drop
VF
—
—
0.47
0.44
0.55
0.53
V
IF = 1.0A, TJ = +25°C
IF = 1.0A, TJ = +125°C
Leakage Current (Note 7)
IR
—
—
—
—
0.5
100
mA
VR =40V, TJ = +25°C
VR = 40V, TJ = +125°C
Notes:
6. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7. Short duration pulse test used to minimize self-heating effect.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 1 Forward Power Dissipation
T = 150°C
J
1000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
0
100
200
300
400
500
T = 50°C
A
T = 25°C
A
T = 100°C
A
T = 75°C
A
T = 150°C
A
T = 125°C
A
100
10
1
0.1
0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com