Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC06D04 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AVC06D04
Description  20 Watts Embedded Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06D04 Datasheet(HTML) 1 Page - Astec America, Inc

  AVC06D04 Datasheet HTML 1Page - Astec America, Inc AVC06D04 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AVC Series
20 Watts
Special Features
• Ultra Low Profile - 6.0mm
• POL appllication
• Efficiency - 93% @ 3.3V
• -40°C to +85°C Operating
temperature(Ambient)
• Open Frame SMT
• Low output ripple and noise
• Regulation to zero load
• Pb-free reflow compatible
and ROHS compliant
Total Power:
20 Watts
Input Voltage: 3.3V, 5V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
2.97 - 3.63VDC for 3.3V
4.5 - 5.5VDC for 5V
Efficiency
93% @ 3.3Vo, 4A
Output
Ripple
50mV p-p for 5Vin
40mV p-p for 3.3Vin
Output voltage adjust
±10% of Vonom
Isolation
Non-Isolated model
Control
Enable
ON: On/Off pin open
OFF: On/Off pin connected to GND
None
Rev. 09.21.05
AVC Series
1of 2
Ambient Operating temperature
-40°C to +80°C (forced air 0.2m/s)
Storage temperature
-45°C to +90°C
Environmental Specifications


Similar Part No. - AVC06D04

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AVC06D04 ASTEC-AVC06D04 Datasheet
357Kb / 16P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Emerson Network Power
AVC06D04 EMERSON-NETWORKPOWER-AVC06D04 Datasheet
78Kb / 2P
20w Ultra Low Profile - 6.0mm
More results

Similar Description - AVC06D04

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03M48 ASTEC-AUD03M48 Datasheet
87Kb / 2P
10 Watts Embedded Power
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
15 Watts Embedded Power
AUG08M48 ASTEC-AUG08M48 Datasheet
91Kb / 2P
20 Watts Embedded Power
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
30 Watts Embedded Power
AUM03M48 ASTEC-AUM03M48 Datasheet
77Kb / 2P
10 Watts Embedded Power
logo
Power Mate Technology C...
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
20 WATTS OUTPUT POWER
SDC20-48S2P0 P-DUKE-SDC20-48S2P0 Datasheet
148Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
POWER 20 Watts
AET06G18-L ARTESYN-AET06G18-L Datasheet
473Kb / 3P
Total Power: 20 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com