Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML231003 Datasheet(PDF) 2 Page - Astec America, Inc

Part # BML231003
Description  680-1200 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BML231003 Datasheet(HTML) 2 Page - Astec America, Inc

  BML231003 Datasheet HTML 1Page - Astec America, Inc BML231003 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EEU
UR
RO
OP
PEE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
A
AM
MEER
RIIC
CA
AS
S
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
181
Environmental & Safety
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
BML231 002
Temperature: +5°C to +45°C (normal operation)
CE: EMC Directive 89/336/EEC & 92/31/EEC and Low
Voltage Directive 73/23/EEC
EMC:
EN 50 081-1
EN 50 082-1
EN 55 022, class B
EN 61000-4-2,3,4,5,6
EN 60950
IEC 950/EN 60950
UL 1950
CAN/CSA C22.2
BML 231 204
Temperature: 0°C to 55°C (normal operation)
-50°C to 60°C (non-destructive)
EMC
EN 55 022, class B
EN 61000-4-2,3,4,5
IEC 950/EN 60950
UL 1950
Dimensions in mm
Analog
Opto
BML231204



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com