Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA4-050EU Datasheet(PDF) 2 Page - Astec America, Inc

Part # DA4-050EU
Description  4 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DA4-050EU Datasheet(HTML) 2 Page - Astec America, Inc

  DA4-050EU Datasheet HTML 1Page - Astec America, Inc DA4-050EU Datasheet HTML 2Page - Astec America, Inc DA4-050EU Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CASE TOP
CASE BOTTOM
2.36"
(60.0)
78.7"
(2000.0)
Rev. 1.23.06
DA4 Series
2of 3
Embedded Power for
Business-Critical Continuity
Ordering Information
M
Mo
od
de
ell
N
Nu
um
mb
be
err
M
Ma
axxiim
mu
um
m
P
Po
ow
we
err
O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e
M
Miin
niim
mu
um
m
LLo
oa
ad
d
M
Ma
axxiim
mu
um
m
LLo
oa
ad
d
P
Pe
ea
ak
k LLo
oa
ad
d
R
Riip
pp
plle
e
P
P//P
P ((P
PA
AR
RD
D))1
1
DA4-050US
4W
5.5V
0
0.75A
0.80A
150mV
DA4-050EU
4W
5.5V
0
0.75A
0.80A
150mV
DA4-050CH
4W
5.5V
0
0.75A
0.80A
150mV
1. Peak-to-peak with 1 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at
rated line voltage and load ranges.
2. Output should not be crounded for EMI purpose.
3. Add -0001 suffix to the part number for reverse polarity, for example DA4-050US-0001.
Mechanical Drawing
DA4-050US
2.36"
(60.0)
CASE BOTTOM
CASE TOP
78.7"
(2000.0)
DA4-050EU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com