Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML231202 Datasheet(PDF) 1 Page - Astec America, Inc

Part # BML231202
Description  680-1200 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BML231202 Datasheet(HTML) 1 Page - Astec America, Inc

  BML231202 Datasheet HTML 1Page - Astec America, Inc BML231202 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
180
Special Features - 002
Electrical Specs - 002
680-1200 Watts
BML 231 002 /204
680 watt -48 VDC rectifier
• 1200 W Constant Power Output
• High efficiency
• High power density
• PFC
• Front access
• Soft start
• Analog or opto interface
• Universal input
• Forced convection cooling
• Compact dimensions
Front: 10.3” x 2.4”
Body: 9.2”H x 2.9”W x 8.8”D
weight: 3.5 kg (7.7 lbs)
Input
AC input voltage range
100-250 VAC (90-275 VAC)
Frequency
50 / 60 Hz (45-65 Hz)
Efficiency
> 90% 230 VAC @ ≥50% load
Power factor
>0.95 230 VAC @ ≥50% load
Output
DC output voltage
-54.5 (-44.0 to -58.5 VDC)
Maximum output power
1200 W @ 180-275 VDC
1000 W @ 90-140 VDC
Dynamic regulation
±5% of output voltage
Hold-up time
>20ms
• 680 W constant power output
• High efficiency
• PFC
•Hot-swappable
• Passive load sharing
• Front access
• Soft start
• Over load and over voltage protection
• Designed for ETSI mechanical structure
• Controls for remote shut-down
• size: 2.9” W x 10.4” H x 8.8 “ D
Weight: 4.3 kg (9.5 lbs)
Input
AC Input voltage
220-240 VAC (176-288 VAC)
Frequency
50/60 Hz (± 10%)
Efficiency
>90% @ ≥60% load
Power factor
>0.95 @ ≥50% load
Output
DC output voltage
-54.0 V @10A load (-45 to -58.5 VDC)
Maximum output power
680W @ -45 to -58.5 VDC
Over voltage protection
Automatic shut-down before -60VDC
Hold-up time
> 10ms
Electrical Specs - 204
Special Features - 204
Ordering Information
BML231002/3
680 W
-48VDC rectifier
BML231204/1
1200 W rectifier with opto interface
BML231204/2
1200 W rectifier with analog interface


Similar Part No. - BML231202

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
Balluff Korea Ltd.
BML-S1F1-Q61D-M310-P0 BALLUFF-BML-S1F1-Q61D-M310-P0 Datasheet
151Kb / 3P
Magnetically Coded Sensors
0.36_2021-09-07
BML-S1F1-Q61F-M300-G0 BALLUFF-BML-S1F1-Q61F-M300-G0 Datasheet
151Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML-S1F1-Q61F-M310-G0 BALLUFF-BML-S1F1-Q61F-M310-G0 Datasheet
151Kb / 3P
Magnetically Coded Sensors
0.34_2021-08-25
BML-S1F2-Q61D-M310-K0 BALLUFF-BML-S1F2-Q61D-M310-K0 Datasheet
115Kb / 3P
Magnetically Coded Sensors
0.38_2021-08-25
More results

Similar Description - BML231202

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
MP4-3A-2A-30 ASTEC-MP4-3A-2A-30 Datasheet
411Kb / 8P
400-1200 Watts
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
logo
Sparkle Power Inc.
SPM1200AXJ8 SPI-SPM1200AXJ8 Datasheet
754Kb / 3P
1200 Watts ATX12V& EPS12V Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
logo
SL Power Electronics
SPH-1200 SLPOWER-SPH-1200 Datasheet
89Kb / 2P
1200 WATTS POWER FACTOR CORRECTED SINGLE OUTPUT, HOT SWAP
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
650-1200 Watts MHP Series
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
654Kb / 5P
350-1200 Watts SHP Series
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
3501200 Watts
logo
Advanced Semiconductor
HVV1214-025 ASI-HVV1214-025 Datasheet
187Kb / 2P
25 Watts, 50V, 1200-1400MHz 200!s, 10% Duty
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
1200 Watts ATX 12V Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com