Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS657-9-3 Datasheet(PDF) 2 Page - Astec America, Inc

Part # DS657-9-3
Description  657 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DS657-9-3 Datasheet(HTML) 2 Page - Astec America, Inc

  DS657-9-3 Datasheet HTML 1Page - Astec America, Inc DS657-9-3 Datasheet HTML 2Page - Astec America, Inc DS657-9-3 Datasheet HTML 3Page - Astec America, Inc DS657-9-3 Datasheet HTML 4Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EEU
UR
RO
OP
PEE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
A
AM
MEER
RIIC
CA
AS
S
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
153
www.astecpower.com
D
DC
C O
Ou
uttp
pu
utt V
Vo
ollttaag
ge
ess
Notes:
1.Ripple and noise tested with 10µF capacitor in parallel with a 0.1µF capacitor, 20MHz bandwidth.
O
Ou
uttp
pu
utt
V
Vo
ollttaag
ge
e((V
V))
R
Re
eg
gu
ullaattiio
on
n
M
Miin
niim
mu
um
m
LLo
oaad
d ((A
A))
M
Maaxxiim
mu
um
m
LLo
oaad
d ((A
A))
R
Riip
pp
plle
e((p
pe
eaakk-p
pe
eaakk))
V
V1
1
+48V/+51V
±5%
0.0
10.0
500mV
V
V2
2
12V
±5%
0.0
12.0
120mV
V
V3
3
12V
±5%
0.0
0.5
120mV
D
DC
C O
Ou
uttp
pu
utt V
Vo
ollttaag
ge
ess
D
DS
S6
65
57
7-9
9-3
3 M
Me
ecch
haan
niiccaall D
Drraaw
wiin
ng
gss::
P
PS
SU
U C
Co
on
nn
ne
ecctto
orr:: FFC
CII 5
51
17
72
20
0-1
10
02
20
02
24
40
02
2A
AA
A
1 2 3 4 5 6
J
K
N
S
P1
P2
P3
P4
P
Piin
n
LLo
occaattiio
on
n
S
Siig
gn
naall R
Re
effe
erre
en
ncce
e
P1
12V Output
P2
12V Output RTN
1J
12V+Sense
1K
12V-Sense
1N
12V Current-Share
1S
PowerSupplyPresent
2J
Serial Data Line
2K
Serial Clock Line
2N
Address Input 0
2S
Address Input 1
3J
12V AuxOutputRTN
3K
12V INHIBIT
3N
51V INHIBIT
3S
Address Input 2
4J
12V Aux Output
4K
DC OK
4N
AC OK
4S
FANFAIL / OTP
5J
NOT CONNECTED
5K
NOT CONNECTED
5N
NOT CONNECTED
5S
NOT CONNECTED
6J
51V+Sense
6K
51V-Sense
6N
51V Current-Share
6S
NOT CONNECTED
P3
51V Output RTN
P4
51V Output
M
Maattiin
ng
g C
Co
on
nn
ne
ecctto
orr FFC
CII 5
51
17
74
40
0-1
10
02
20
02
24
40
02
2A
AA
A
D
DS
S6
65
57
7-9
9-3
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com