Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ZX1
Description  CMOS Laser Sensor with Built-in Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  ZX1 Datasheet HTML 1Page - Omron Electronics LLC ZX1 Datasheet HTML 2Page - Omron Electronics LLC ZX1 Datasheet HTML 3Page - Omron Electronics LLC ZX1 Datasheet HTML 4Page - Omron Electronics LLC ZX1 Datasheet HTML 5Page - Omron Electronics LLC ZX1 Datasheet HTML 6Page - Omron Electronics LLC ZX1 Datasheet HTML 7Page - Omron Electronics LLC ZX1 Datasheet HTML 8Page - Omron Electronics LLC ZX1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZX0
2
Ordering Information
Sensors (Refer to Dimensions on page 6)
* Sensors with Class 1 lasers are also available.
Add an “L” to the end of the model number when ordering. (Example: ZX0-LD50A61L 2M)
Accessories (sold separately)
Extension Cables for Pre-wired Connector Models (Refer to Dimensions on page 7)
Mounting Brackets A Mounting Bracket is not provided with the Sensor. Order a Mounting Bracket separately if required. (Refer to Dimensions on page 7)
Appearance
Connection
method
Cable
length
Sensing distance
Model
NPN output
PNP output
Pre-wired
2 m
ZX0-LD50A61 2M *
ZX0-LD50A81 2M *
5 m
ZX0-LD50A61 5M
ZX0-LD50A81 5M
Pre-wired
connector
0.5 m
ZX0-LD50A66 0.5M
ZX0-LD50A86 0.5M
Pre-wired
2 m
ZX0-LD100A61 2M *
ZX0-LD100A81 2M *
5 m
ZX0-LD100A61 5M
ZX0-LD100A81 5M
Pre-wired
connector
0.5 m
ZX0-LD100A66 0.5M
ZX0-LD100A86 0.5M
Pre-wired
2 m
ZX0-LD300A61 2M *
ZX0-LD300A81 2M *
5 m
ZX0-LD300A61 5M
ZX0-LD300A81 5M
Pre-wired
connector
0.5 m
ZX0-LD300A66 0.5M
ZX0-LD300A86 0.5M
Pre-wired
2 m
ZX0-LD600A61 2M *
ZX0-LD600A81 2M *
5 m
ZX0-LD600A61 5M
ZX0-LD600A81 5M
Pre-wired
connector
0.5 m
ZX0-LD600A66 0.5M
ZX0-LD600A86 0.5M
Cable length
Model
10 m
ZX0-XC10R
20 m
ZX0-XC20R
Applicable sensors
Appearance
Model
Contents
ZX0-LD50
@
ZX0-LD100
@
E39-L180
Mounting Bracket: 1
Nut plate: 1
Phillips screws
(M3
× 30): 2
ZX0-LD300
@
ZX0-LD600
@
E39-L181
Mounting Bracket: 1
Nut plate: 1
Phillips screws
(M4
× 35): 2
40
50 ± 10 mm
60
65
100 ± 35 mm
135
150
300 ± 150 mm
450
200
600 ± 400 mm
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com