Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX2-SF11 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # ZX2-SF11
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2-SF11 Datasheet(HTML) 4 Page - Omron Electronics LLC

  ZX2-SF11 Datasheet HTML 1Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 2Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 3Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 4Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 5Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 6Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 7Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 8Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ZX2
4
Amplifier and Calculating Unit
T
K
A
B
B
A
S
38mm
72mm
30mm
31mm
64mm
30mm
BANK 3
BANK 2
1
BANK 0
Ease of Use by “LED Display” and “Calculating Unit”
11-segment LED display for intuitive configuration
Easy calculations of measurements
Intuitive operation through
cross buttons
11 Segment LED Display
Determination output indicators
High (orange)/Pass (green)/
Low (orange), two color display
11 Segment LED Display
No need for a manual
Thickness + subtraction mode
Perform two calculations with ease
Equipped with 4 banks
Easy change of setup
The 7 segment display
on existing models
The 11 segment display
on model ZX2
Thickness mode
The compact housing stays just as it is
Sensor 1
Sensor 2
Sensor 1 0criterion
Sensor 2 0criterion
Level difference
S = B - A
Thickness
T=K+(A+B)
Subtraction mode
Existing models
ZX2
Built into the unit
Amplifier unit
+
Bank unit
The calculated results of two sensor heads are displayed on the amplifier unit by just connecting the calculating unit between
the two amplifier units. The calculation function can be chosen from the two modes of thickness and subtraction. It is also
possible to prevent mutual interference by coupling via the calculating units. (Up to five amplifier units can be connected.)
An 11 segment LED display is integrated
in the compact housing. Alphanumeric
characters can be read with ease and
there is no need to refer to a manual.
The amplifier unit is equipped
with four bank functions.
Easy change of setup between
four modes is supported by
just switching between the
bank functions.
Comparison of the existing 7 segment LED display and
the 11 segment LED display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com