Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XW2Z-150B-R1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XW2Z-150B-R1
Description  Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-150B-R1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XW2Z-150B-R1 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-150B-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
XW2Z
3
For 32-point, Connector-type Output Units (Group 2) for Programmable Controllers
For 64-point, Connector-type Output Units for Programmable Controllers
XW2Z-
@@@L
For 96-point, Connector-type I/O Units for Programmable Controllers
XW2Z-
@@@H-1 (For CS1-series I/O Unit Connection)
*Up to two cables required for each Programmable Controller I/O Unit.
Note: CS1 signal names connected to the XW2B/D are different for the XW2Z-
@@@H-@ and the XW2Z-@@@H-@G.
Refer to the I/O Signal Tables on page 9.
XW2Z-
@@@H-2 (For CS1-series I/O Unit Connection)
*Up to two cables required for each Programmable Controller I/O Unit.
Note: CS1 signal names connected to the XW2B/D are different for the XW2Z-
@@@H-@ and the XW2Z-@@@H-@G.
Refer to the I/O Signal Tables on page 9.
Cable length L (m) *
Model
1.0
0.75
XW2Z-100L
1.5
1.25
XW2Z-150L
2.0
1.75
XW2Z-200L
3.0
2.75
XW2Z-300L
5.0
4.75
XW2Z-500L
10.0
9.75
XW2Z-010L
15.0
14.75
XW2Z-15ML
20.0
19.75
XW2Z-20ML
Special Connecting Cables *
Cable length L (m)
Model
0.5
XW2Z-050H-1
1.0
XW2Z-100H-1
1.5
XW2Z-150H-1
2.0
XW2Z-200H-1
3.0
XW2Z-300H-1
5.0
XW2Z-500H-1
7.0
XW2Z-700H-1
10.0
XW2Z-010H-1
1.0
XW2Z-100H-1G
1.5
XW2Z-150H-1G
2.0
XW2Z-200H-1G
3.0
XW2Z-300H-1G
5.0
XW2Z-500H-1G
Special Connecting Cables *
Cable length L (m)
Model
1.0
0.75
XW2Z-100H-2
1.5
1.25
XW2Z-150H-2
2.0
1.75
XW2Z-200H-2
3.0
2.75
XW2Z-300H-2
5.0
4.75
XW2Z-500H-2
10.0
9.75
XW2Z-010H-2
1.0
0.75
XW2Z-100H-2G
1.5
1.25
XW2Z-150H-2G
2.0
1.75
XW2Z-200H-2G
3.0
2.75
XW2Z-300H-2G
5.0
4.75
XW2Z-500H-2G
*Cable length L (m)
A
B
Green
White
CN3
CN1
CN2
(250 mm)
(500 mm)
A
B
*Cable length L (m)
L
*Cable length L (m)
A
B
Yellow
Black
CN3
CN1
CN2
(250 mm)
(500 mm)
Linear lengths (not including bends)
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com