Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2F
Description  Ultra Subminiature Basic Switch with plenty of terminal variations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2F Datasheet HTML 1Page - Omron Electronics LLC D2F Datasheet HTML 2Page - Omron Electronics LLC D2F Datasheet HTML 3Page - Omron Electronics LLC D2F Datasheet HTML 4Page - Omron Electronics LLC D2F Datasheet HTML 5Page - Omron Electronics LLC D2F Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
D2F
Ultra Subminiature Basic Switch
D
2
F
Dimensions (Unit: mm) /Operating Characteristics
The following illustrations and drawings are for D2F models with PCB terminals (straight). Self-clinching, solder, compact solder, and right-angled, left angled terminals
are omitted from the following drawings. Refer to the previous page for these terminals.
When ordering, replace
@ with the code for the terminal that you need. See the "List of Models" for available combinations of models.
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
12.7
5.7
2.9
5.2
5.8±0.15
0.4
PT
OP
5
2.2+0.12 dia.
0
2+0.12 dia. holes
0
1.2
2+0.12
0
A
●Pin Plunger Models
D2F-
@
D2F-01
@
D2F-F
@
D2F-01F
@
D2F-5
Operating
Characteristics
Model
D2F-
@
D2F-01
@
D2F-5
D2F-F
@
D2F-01F
@
Operating Force
OF Max.
Releasing Force
RF Min.
1.47 N {150 gf}
0.20 N {20 gf}
0.74 N {75 gf}
0.05 N {5 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
0.5 mm
0.25 mm
0.12 mm
0.5 mm
0.25 mm
0.12 mm
Operating Position
OP
5.5±0.3 mm
●Hinge Lever Models
D2F-L
@
D2F-01L
@
D2F-FL
@
D2F-01FL
@
D2F-5L
Operating
Characteristics
Model
D2F-L
@
D2F-01L
@
D2F-5L
D2F-FL
@
D2F-01FL
@
Operating Force
OF Max.
Releasing Force
RF Min.
0.78 N {80 gf}
0.05 N {5 gf}
0.25 N {25 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
0.55 mm
0.5 mm
0.55 mm
0.5 mm
Free Position
FP Max.
Operating Position
OP
10 mm
6.8±1.5 mm
(10.8)
12.8
t=0.3 *
3
* Stainless-steel lever
OP
FP
A
●Simulated Roller Lever Models (R1.3)
D2F-L3
@
D2F-01L3
@
D2F-FL3
@
D2F-01FL3
@
D2F-5L3
Operating
Characteristics
Model D2F-L3
@
D2F-01L3
@
D2F-5L3
D2F-FL3
@
D2F-01FL3
@
Operating Force
OF Max.
Releasing Force
RF Min.
0.78 N {80 gf}
0.05 N {5 gf}
0.39 N {40 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
0.5 mm
0.45 mm
0.5 mm
0.45 mm
Free Position
FP Max.
Operating Position
OP
13 mm
8.5±1.2 mm
(7.5)
10
R1.3
3
* Stainless-steel lever
OP
FP
2.1
t=0.3 *
A
12.7
●Simulated Roller Lever Models (R2.5)
D2F-L30
@
D2F-01L30
@
D2F-FL30
@
D2F-01FL30
@
Operating
Characteristics
Model D2F-L30
@
D2F-01L30
@
D2F-FL30
@
D2F-01FL30
@
Operating Force
OF Max.
Releasing Force
RF Min.
0.54 N {55 gf}
0.04 N {4 gf}
0.3 N {31 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
0.5 mm
0.5 mm
0.5 mm
0.5 mm
Free Position
FP Max.
Operating Position
OP
12.6 mm
9.5±1.0 mm
t=0.3 *
3.3
R2.5
3
* Stainless-steel lever
OP
FP
A
12.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com