Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7GF00S0-R0 Datasheet(PDF) 44 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7GF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7GF00S0-R0 Datasheet(HTML) 44 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7GF00S0-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd SFECF10M7GF00S0-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
For AM Stereo Wide Bandwidth Type SFPLA/CFWLA/CFULA Series
SFPLA/CFULA/CFWLA series for AM use is one of
the most suitable intermediate filters, having such
distinctive features as high selectivity, high stability,
high attenuation, and adjustment-free operation.
Additionally, its easy matching with IC helps create
an easy circuit design.
Especially, CFULA/CFWLA_Y series improves the
frequency fidelity in the high sound area of an AM
stereo with its wide band and flat characteristics of
group delay time.
0.8±0.1
0.6±0.1
1.2±0.5
8.0±0.3
MARKING
EIAJ
CODE
3.3±0.5
2.7±0.3
(1)
(2)
(3)
0.15±0.05
Connection
(1) : Input
(2) : Ground
(3) : Output
(in mm)
SFPLA Series
0.15
2.3±0.5
2.0±0.3
2.9±0.3
11.0±0.5
MARKING
EIAJ
CODE
1.2±0.5
(1)
(2)
(4) (3)
(5)
0.6±0.1
0.8±0.1
2.6±0.3
Connection
(1): Input
(2)(3)(4): Ground
(5): Output
(in mm)
2.9—0.3
2.9±0.3
CFWLA Series
0.8±0.1
0.6±0.1
1.2±0.5
8.0±0.3
MARKING
EIAJ
CODE
3.3±0.5
2.7±0.3
(1)
(2)
(3)
0.15±0.05
Connection
(1): Input
(2): Ground
(3): Output
(in mm)
CFULA Series
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Selectivity (-)
(dB)
Selectivity (+)
(dB)
Insertion
Loss
(dB)
GDT 20µsec.
Bandwidth
(kHz)
Input/Output
Impedance
(ohm)
Element
SFPLA450KG1A-B0
450.0 ±1.0kHz
fn±4.5 min.
30 min.[fn-9kHz]
30 min.[fn+9kHz]
6.0 max.
-
2000
4
SFPLA450KF1A-B0
450.0 ±1.0kHz
fn±6.0 min.
40 min.[fn-12.5kHz] 40 min.[fn+12.5kHz]
6.0 max.
-
2000
4
SFPLA450KE1A-B0
450.0 ±1.0kHz
fn±7.5 min.
40 min.[fn-15kHz]
40 min.[fn+15kHz]
6.0 max.
-
1500
4
SFPLA450KD1A-B0
450.0 ±1.0kHz
fn±10.0 min.
40 min.[fn-20kHz]
40 min.[fn+20kHz]
4.0 max.
-
1500
4
CFULA450KG1Y-B0
450.0 ±1.0kHz
fn±4.5 min.
40 min.[fn-15kHz]
40 min.[fn+15kHz]
10.0 max.
fn±3
2000
4
CFULA450KF1Y-B0
450.0 ±1.0kHz
fn±6.0 min.
40 min.[fn-17.5kHz] 40 min.[fn+17.5kHz]
9.0 max.
fn±4
2000
4
CFULA450KD1Y-B0
450.0 ±1.0kHz
fn±10.0 min.
40 min.[fn-25kHz]
40 min.[fn+25kHz]
7.0 max.
fn±7
1500
4
CFWLA450KG1Y-B0
450.0 ±1.0kHz
fn±4.5 min.
50 min.[fn-15kHz]
50 min.[fn+15kHz]
11.0 max.
fn±4
2000
6
CFWLA450KF1Y-B0
450.0 ±1.0kHz
fn±6.0 min.
50 min.[fn-17.5kHz] 50 min.[fn+17.5kHz] 10.0 max.
fn±5
2000
6
CFWLA450KD1Y-B0
450.0 ±1.0kHz
fn±10.0 min.
50 min.[fn-25kHz]
50 min.[fn+25kHz]
8.0 max.
fn±8
1500
6
CFWLA450KGFA-B0
450.0 (fn)
fn±4.5 min.
50 min.[fn-10kHz]
50 min.[fn+10kHz]
6.0 max.
-
2000
6
CFWLA450KFFA-B0
450.0 (fn)
fn±6.0 min.
50 min.[fn-12.5kHz] 50 min.[fn+12.5kHz]
6.0 max.
-
2000
6
CFWLA450KEFA-B0
450.0 (fn)
fn±7.5 min.
50 min.[fn-15kHz]
50 min.[fn+15kHz]
6.0 max.
-
1500
6
CFWLA450KDFA-B0
450.0 (fn)
fn±10.0 min.
50 min.[fn-20kHz]
50 min.[fn+20kHz]
4.0 max.
-
1500
6
Area of Insertion Loss: at minimum loss point
Center frequency (fo) is defined by the center of 6dB bandwidth.
(fn) means nominal center frequency (450kHz).
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
42
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
13
CERAFIL
r (CERAFILr 455kHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com