Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7EA00S0-R0 Datasheet(PDF) 48 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7EA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7EA00S0-R0 Datasheet(HTML) 48 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7EA00S0-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd SFECF10M7EA00S0-R0 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Continued from the preceding page.
Frequency (MHz)
5.5
5.7
5.6
5.8
6.0
6.2
6.4
5.9
6.1
6.3
6.5
0
10
20
30
40
50
60
70
c Frequency Characteristics
TPSKA6M00B00-R3
Frequency (MHz)
6.0
6.2
6.1
6.3
6.5
6.7
6.9
6.4
6.6
6.8
7.0
0
10
20
30
40
50
60
70
TPSKA6M50B00-R3
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
10
20
30
40
50
60
70
80
700
600
500
400
300
200
100
0
c Frequency Characteristics (Spurious)
TPSKA4M50B00-R3
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
10
20
30
40
50
60
70
80
1000
800
600
400
200
0
TPSKA5M50B00-R3
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
10
20
30
40
50
60
70
80
1000
800
600
400
200
0
TPSKA6M00B00-R3
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
10
20
30
40
50
60
70
80
1000
800
600
400
200
0
TPSKA6M50B00-R3
46
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com