Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R3
Description  Universal Voltage Terminal Photoelectric
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E3JM
E3JM
Specifications
Part number
E3JM-10❑4❑-US
E3JM-R4❑4❑-US
E3JM-DS70❑4❑-US
Method of detection
Through-beam
Polarized retroreflective
Diffuse reflective
Supply voltage
24 to 240 VAC
±10%, 50/60 Hz
12 to 240 VDC, 10% max. ripple peak-to-peak
Current consumption
Emitter: 1 W max.
2 W max.
2 W max.
Receiver: 2 W max.
Sensing distance
10 m (32.8 ft)
4 m (13.1 ft) with E39-R1
70 cm (2.3 ft) with
reflector (supplied)
20 x 20 cm
(7.9 x 7.9 in)
white mat paper
Light source
Infrared LED
Polarized red LED
Infrared LED
Detectable object type
Opaque, 16 mm (0.63 in)
Opaque, 56 mm (2.2 in)
Opaque and
minimum
minimum with E39-R1
translucent
Operation mode
Light-ON/Dark-ON, switch selectable
Sensitivity adjustment
Fixed
Fixed
Adjustable
Mutual interference protection
Not provided
Control
Contact
Type
SPDT relay (E3JM-❑❑M4❑-US)
output
Max. load
3 A, 250 VAC maximum (p.f. = 1)
Min. load
10 mA, 5 VDC minimum
Response time
30 ms for ON, 30 ms for OFF (models without timer)
0.1 to 5 sec (adjustable) ON-delay, OFF-delay or one-shot (models with timer)
DC
Type
NPN open collector solid-state output (E3JM-❑❑S4❑-US)
solid-
PNP open collector solid-state output (E3JM-❑❑R4❑-US)
state
Max. load
100 mA, 48 VDC max.
Max. ON-state
2 V max.
voltage drop
Response time
5 ms max. (models without timer)
0.1 to 5 seconds (adjustable) ON-delay, OFF-delay or one-shot (models with timer)
Timing functions
Type
ON-delay, OFF-delay, and one-shot; switch selectable (E3JM-❑❑❑❑4T-US)
Range
0.1 to 5 seconds
Circuit
Output short-
Provided on DC solid-state output models (E3JM-❑❑R4❑-US and E3JM-❑❑S4❑-US)
protection
circuit
DC power supply
Not provided
reverse polarity
Indicators
Light Incident (red LED) on models without timer (E3JM-❑❑❑❑4-US)
Output Operation (red LED) on models with timer (E3JM-❑❑❑❑4T-US)
Materials
Lens
Plastic, PMMA
Case
Plastic, ABS base/PMMA cover
Mounting
Two side mount through hole or mounting bracket E39-L53 (supplied)
Connections
Conduit
1/2-14 NPT; use 5-conductor cable of 6 to 8 mm (0.24 to 0.32 in) OD
Weight
Emitter: 110 g (3.9 oz.)
130 g (4.6 oz.)
130 g (4.6 oz.)
Receiver: 130 g (4.6 oz.)
Enclosure ratings
UL
—
NEMA
—
IEC 144
IP66
Approvals
UL
Recognized, File Number E41515
CSA
Certified, File Number LR45951
Ambient
Operating
-25
° to 55°C (-13° to 131°F)
temperature
Storage
-30
° to 70°C (-22° to 158°F)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com