Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R-2M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-1010-R-2M
Description  A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R-2M Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-1010-R-2M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R-2M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R-2M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R-2M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R-2M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EE-SPX303N/403N
4
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Sensors
Accessories (Order Separately)
*Refer to Accessories for details.
7.4
0.3
0.7
3
1
10
19
3.2
26
26
2-3.7
5.08
13
19.5
2.54
3
2
1
Four, R1.6
Indicator window
Sensing window
(0.5
× 2.2)
EE-SPX303N, EE-SPX403N
Terminal Arrangement
(1)
+
Vcc
(2)
OUT
OUTPUT
(3)
−
GND (0 V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com