Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ173 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPQ173
Description  175 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ173 Datasheet(HTML) 1 Page - Astec America, Inc

  LPQ173 Datasheet HTML 1Page - Astec America, Inc LPQ173 Datasheet HTML 2Page - Astec America, Inc LPQ173 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
121
Special Features
Electrical Specs
175 Watts
LPQ170 Series
Total Power:
110-175 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Quad
• Active power factor correction
• IEC EN61000-3-2 compliance
• Adjustable outputs on 1, 3 & 4
Remote sense on main output
• Single wire current sharing
• Power fail and remote inhibit
• Built-in EMI filter
• Low output ripple
• Overvoltage protection
• Overload protection
• Thermal overload protection
• DC power good
• 5 V standby output
• Adjustable floating 4th output
• Optional cover (-C suffix)
Operating temperature: 0° to 50°C ambient
Low temperature start -20°C
Derate each output at 2.5% per degree from
50° to 70°C (except for -C version)
Electromagnetic susceptibility: designed to
meet EN61000-4, -2, -3, -4, -5, -6, -8, -11,
Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major
resonances 0.75 G peak 5 Hz to 500 Hz,
operational
Storage temperature: -40° to 85°C
Temperature coefficient: ± .04% per °C
MTBF demonstrated: >550,000 hours at full
load and 25°C ambient conditions
Input
Input range
85-264 VAC, 120-300 VDC
Frequency
47-63 Hz
Inrush current
38 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
Meets FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Power factor
0.99 typical
Safety ground leakage
current
1.0 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
110 W convection (75 W with cover LPQ172)
85 W convection - LPQ173
175 W with 30 CFM forced air
(130 W with cover - LPQ172 only)
Adjustment range
3.3 - 5.5V on main; -12 - 15V on 3rd output
3.3 - 25 V on 4th output- LPQ172
3.3 - 5.5V on 4th output on LPQ173
Hold-up time
20 ms @175 W load at nominal line
Overload protection
Short circuit protection on all outputs. Case
overload protected @ 110-145% above peak
rating
Overvoltage protection
Tracks outputs 1, 3 & 4; 15 to 35%
Standby output
5 V @ 200 mA regulated ±5%
Logic Control
AC power failure
TTL logic signal goes high 100 - 500 msec
after V1 output; It goes low at least 4 msec
before loss of regulation
Remote inhibit
Requires contact closure to inhibit outputs
Remote sense
Compensates for 0.5 V lead drop min. Will
operate without remote sense connected.
Reverse connection protected.
DC-OK
TTL logic signal goes high after main output
is in regulation. It goes low when there is a
loss of regulation
Environmental
Safety
VDE
0805/EN60950/IEC60950
UL
60950
CB
Certificate and report
CSA
CSA 60950 Level 3
CE
Mark (LVD)
NEMKO
EN 60950/EMKO-TSE
rev 09.20.04


Similar Part No. - LPQ173

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ173 EMERSON-NETWORKPOWER-LPQ173 Datasheet
3Mb / 3P
Active power factor correction
logo
Artesyn Technologies
LPQ173 ARTESYN-LPQ173 Datasheet
697Kb / 4P
Total Power: 110 - 175 Watts
More results

Similar Description - LPQ173

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S175-28 ETC-S175-28 Datasheet
369Kb / 3P
175 WATTS 28 VOLTS 1.5-30 MHZ HF COMMUNICATIONS
logo
Astec America, Inc
LPS170 ASTEC-LPS170 Datasheet
574Kb / 2P
175 Watts
LPS170-M ASTEC-LPS170-M Datasheet
265Kb / 2P
175 Watts
logo
XP Power Limited
CLC175 XPPOWER-CLC175_12 Datasheet
240Kb / 2P
175 Watts CLC Series
logo
Artesyn Technologies
LPS172 ARTESYN-LPS172 Datasheet
878Kb / 4P
Total Power: 100 - 175 Watts
LPQ172 ARTESYN-LPQ172 Datasheet
697Kb / 4P
Total Power: 110 - 175 Watts
logo
Pasternack Enterprises,...
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832_16 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Integrated Power Design...
NXT-175 IPDPOWER-NXT-175 Datasheet
431Kb / 2P
175 WATTS SINGLE OUTPUT AC-DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com