Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP-100N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PFP-100N
Description  Solid State Relays with Failure Detection Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 1 Page - Omron Electronics LLC

  PFP-100N Datasheet HTML 1Page - Omron Electronics LLC PFP-100N Datasheet HTML 2Page - Omron Electronics LLC PFP-100N Datasheet HTML 3Page - Omron Electronics LLC PFP-100N Datasheet HTML 4Page - Omron Electronics LLC PFP-100N Datasheet HTML 5Page - Omron Electronics LLC PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CSM_G3PC_DS_E_2_1
Solid State Relays with Failure Detection Function
G3PC
Refer to Safety Precautions for All Solid State Relays.
Detects failures in SSR used for heater
temperature control and simultaneously
outputs alarm signal. This SSR supports the
safe design of heater control systems, and
contributes to maintenance improvements
by the user.
• Main detection items:
SSR short-circuits and SSR open-circuits
• Alarm output possible to NPN/PNP-input devices.
• The failure-detection function is built-in and power is supplied
from the main circuit power supply making wiring simple.
• Slim design (width: 22.5 mm) incorporating a heat sink.
• In addition to screw mounting, DIN track mounting is also
possible.
• Certified by EC, UL, and CSA.
Note: G3PC-220B-VD will be discontinued at the end of March
2017.
Model Number Structure
■ Model Number Legend
1. Basic Model Name
G3PC:
SSR with Failure Detection Function
2. Rated Load Power Supply Voltage
2:
100 to 240 VAC
3. Rated Load Current
20:
20 A (carry current)
4. Terminal Type
B:
Screw terminals
5. Certification
VD:
Certified by UL, CSA, and VDE
Ordering Information
■ List of Models
*1. When ordering, specify the rated input voltage.
*2. Manufacture will be discontinued at the end of March 2017.
■ Accessories (Order Separately)
12 3 4
5
G3PC-
@@@-@
Insulation method
Zero cross function
Indicators
Rated output load *1
Model number
Phototriac coupler
Yes
Yes
(See page 5)
20 A, 100 to 240 VAC
(resistive load: AC, Class1)
G3PC-220B-VD-X
G3PC-220B-VD *2
Name
Dimensions
Model number
Mounting Track
50 cm (
l) × 7.3 mm (t)
PFP-50N
1 m (
l) × 7.3 mm (t)
PFP-100N
1 m (
l) × 16 mm (t)
PFP-100N2


Similar Part No. - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
51Kb / 2P
DIN Rail Mounting Track
PFP-100N OMRON-PFP-100N Datasheet
888Kb / 6P
Plug-In Safety Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 36P
Programmable Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 22P
Programmable Controller
More results

Similar Description - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PC OMRON-G3PC_07 Datasheet
175Kb / 6P
SSR with Failure Detection Function
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com