Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1666 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1666
Description  HIGH PERFORMANCE DIMMABLE LED CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1666 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1666 Datasheet HTML 1Page - Diodes Incorporated AL1666 Datasheet HTML 2Page - Diodes Incorporated AL1666 Datasheet HTML 3Page - Diodes Incorporated AL1666 Datasheet HTML 4Page - Diodes Incorporated AL1666 Datasheet HTML 5Page - Diodes Incorporated AL1666 Datasheet HTML 6Page - Diodes Incorporated AL1666 Datasheet HTML 7Page - Diodes Incorporated AL1666 Datasheet HTML 8Page - Diodes Incorporated AL1666 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL1666
Document number: DS42417 Rev. 1 - 2
4 of 16
www.diodes.com
December 2019
© Diodes Incorporated
AL1666
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature (Note 5)
-40
+105
°C
VCC
Operating VCC Voltage (Note 6)
8.5
VCC_OVP (Min)
V
Notes:
5. The device may operate normally at +125°C ambient temperature under the condition not triggers temperature protection.
6. ICC should be limited less than 5mA.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO Section
VCC_TH
Startup Threshold Voltage
—
15.8
18.5
19.5
V
VOPR_MIN
Minimal Operating Voltage
After Turn On
5.8
7.8
9
V
VCC_OVP
VCC OVP Voltage
—
21.8
25
29.5
V
Standby Current Section
IST
Startup Current
VCC=VCC_TH -0.5V, before start up
—
120
300
µA
ICC
Operating Current @4kHz
VCC=20V, VDIM=3V,
VFB=VCS=VCOMP=1V, COUT=1nF
—
2
4
mA
ICC_OVP
Shunt Current in OVP Mode
VCC > VCC_OVP
3.1
—
—
mA
Drive Output Section
tR
Output Voltage Rise Time (Note 7)
CL = 1nF
—
100
—
ns
tF
Output Voltage Fall Time (Note 7)
CL = 1nF
—
100
—
ns
VOUT_CLAMP
Output Clamp Voltage
VCC = 20V
9.8
12
15.5
V
tON_MIN
Minimum On Time (Note 7)
—
—
1000
2010
ns
tON_MAX
Maximum On Time
—
—
15
—
µs
tOFF_MAX
Maximum Off Time
—
—
290
405
µs
fMAX
Maximum Frequency
—
—
150
—
kHz
Internal CS Reference
VREF
Internal Reference Voltage
—
0.394
0.4
0.406
V
VCS_CLAMP
Primary Current Clamp Voltage
—
—
2
—
V
VCS_OCP
Primary Over Current Voltage
—
—
3
—
V
Error Amplifier
Gm
Trans-Conductance
—
—
27
—
µA/V
ISOURCE
Amplifier Source Current
—
—
7.2
—
µA
Feedback Input Section
VFB_CV
FB CV Threshold
—
2.86
3.0
3.26
V
PWMD Section
VPWM_L
PWM Signal Low Threshold Voltage
—
—
—
0.4
V
VPWM_H
PWM Signal High Threshold Voltage
—
2.0
—
—
V
fPWM
PWM Frequency for PWM to DC
Dimming
—
0.5
—
20
kHz
Note:
7. These parameters, although guaranteed by design, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com