Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8853 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8853
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8853 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8853 Datasheet HTML 1Page - Diodes Incorporated AL8853 Datasheet HTML 2Page - Diodes Incorporated AL8853 Datasheet HTML 3Page - Diodes Incorporated AL8853 Datasheet HTML 4Page - Diodes Incorporated AL8853 Datasheet HTML 5Page - Diodes Incorporated AL8853 Datasheet HTML 6Page - Diodes Incorporated AL8853 Datasheet HTML 7Page - Diodes Incorporated AL8853 Datasheet HTML 8Page - Diodes Incorporated AL8853 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL8853
Document number: DS42211 Rev. 1 - 2
4 of 15
www.diodes.com
September 2019
© Diodes Incorporated
AL8853
Electrical Characteristics (VIN = 12V, VPWM = 5V, @TA = +25°C, unless otherwise specified.) (Note 6)
Note:
6. These parameters, although guaranteed by design, are not 100% tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage
VIN
Input Voltage
—
6.0
—
40
V
IOP
Operating Supply Current
VIN = 12V, VPWM = 5V,
No Load
—
2
3
mA
ISHDN
Shutdown Supply Current
PWM Low > 50ms, Sleep
Mode
—
130
180
µA
Under Voltage Lockout
VUVLO
Input UVLO Threshold
VIN Rising
4.9
5.3
5.7
V
VHYS
Input UVLO Hysteresis
—
—
400
—
mV
Soft Start
ISS_SLOP
Soft Start Slope
—
—
22
—
mV/ms
Error Amplifier
VFB
Feedback Reference Voltage
Reference Voltage at Non-
Inverting Input
194
200
206
mV
Am
Open Loop Voltage Gain
—
—
70
—
dB
Gm
Transconductance of EA
—
—
100
—
µA/V
ISOURCE
Output Source Current
—
—
30
—
µA
ISINK
Output Sink Current
—
—
60
—
µA
PWM to Analog Dimming Control
—
PWM Duty
—
0
—
100
%
VPWM_H
PWM Logic Input for Analog Dimming
—
2.5
—
—
V
VPWM_L
—
—
—
1.2
V
Protection Threshold
VOVP_OV
Output Over Voltage Threshold Voltage
—
1.9
2.0
2.1
V
VOVP_HYS
Output Over Voltage Hysteresis Voltage
—
—
100
—
mV
VOVP_UVLO
OVP UVLO Threshold Voltage
Normal Operation
—
200
—
mV
System Startup
—
100
—
mV
VCS_OCP
Over Current Threshold Voltage
Duty = 90%
255
300
345
mV
VCS_HIGH
CS High Protection Threshold
Diode or Inductor Short
1.1
1.2
1.3
V
VCOMP_HIGH
COMP High Protection Threshold
FB Pin Short to GND
2.9
3.2
3.5
V
TOTP
Over Temperature Threshold
—
—
+160
—
°C
TOTP_HYS
Over Temperature Hysteresis
—
—
+30
—
°C
Gate Driver
fOSC
Oscillator Frequency
—
110
120
130
kHz
DMAX
Maximum Duty Cycle
—
93
95
97
%
VGATE
Gate Pin Output Voltage
VIN = 24V
—
13
—
V
tRISE
Rising Time
1nF load
—
40
—
ns
tFALL
Falling Time
—
20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com