Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8863 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8863
Description  60V BUCK LED CONTROLLER WITH FAULT FLAG
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8863 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8863 Datasheet HTML 1Page - Diodes Incorporated AL8863 Datasheet HTML 2Page - Diodes Incorporated AL8863 Datasheet HTML 3Page - Diodes Incorporated AL8863 Datasheet HTML 4Page - Diodes Incorporated AL8863 Datasheet HTML 5Page - Diodes Incorporated AL8863 Datasheet HTML 6Page - Diodes Incorporated AL8863 Datasheet HTML 7Page - Diodes Incorporated AL8863 Datasheet HTML 8Page - Diodes Incorporated AL8863 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL8863
Document number: DS42198 Rev. 1 - 2
4 of 13
www.diodes.com
August 2019
© Diodes Incorporated
AL8863
Thermal Information (Note 5)
Symbol
Parameter
Rating
Unit
θJA
Junction-to-Ambient Thermal Resistance
56
°C/W
θJC
Junction-to-Case(Top) Thermal Resistance
6
°C/W
Note: 5. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground plane.
Electrical Characteristics (TA = +25°C, VIN = 12V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE (VIN)
VIN
Input Voltage
—
4.5
—
60
V
UVLO
VIN UVLO Rising Threshold
—
—
4.3
—
V
UVLO_HYS
VIN UVLO Hysteresis
—
—
150
—
mV
IQ
Quiescent Current
DIM pin floating
—
600
—
µA
CURRENT REGULATION (VIN, CSN)
VSENSE
Mean Current Sense Threshold Voltage
Measured on CSN Pin with
Respect to VIN
95
100
105
mV
VSENSE_HYS
Sense Threshold Hysteresis
—
—
13
—
mV
ICSN
CSN Pin Input Current
VCSN = VIN - 0.1
—
16
—
µA
GATE DRIVER (DRV)
VGATE_HIGH
Gate Driver Output Voltage High
VIN = 12V, Sourcing 20mA
9
—
—
V
VGATE_LOW
Gate Driver Output Voltage Low
VIN = 12V, Sinking 20mA
—
—
0.5
V
VGATE_CLAMP
Gate Driver Clamp Voltage
VIN = 18V, Sourcing 20mA
—
—
15
V
tRISE
Gate Driver Rising Time
VIN = 13V, C = 10nF
—
100
—
ns
tFALL
Gate Driver Falling Time
VIN = 13V, C = 10nF
—
60
—
ns
RGH
Gate Driver High Side Resistance
IDRV = -20mA
—
5.7
—
Ω
RGL
Gate Driver Low Side Resistance
IDRV = 20mA
—
2.2
—
Ω
PWM DIMMING (DIM)
fPWM
Recommended PWM Dimming
Frequency
—
0.1
—
20
kHz
VDIM_HIGH
DIM Logic High Level
—
2.6
—
5.5
V
VDIM_LOW
DIM Logic Low Level
—
—
—
0.3
V
SWITHCING OPERATION
fSW_MAX
Recommended Maximum Switching
Frequency
—
—
—
1
MHz
tON_REC
Recommended Minimum Switch ON
Time
For 4% Accuracy
—
500
—
ns
tPD
Internal Comparator Propagation Delay
—
—
100
—
ns
OUTPUT SHORTED PROTECTION (CSN, OSP)
V(CSN-OSP)
Output Short Threshold Voltage
—
—
1
—
V
tD
Delay Time for Fault Detection
—
—
23
—
ms
FAULT FLAG (FAULT)
VFAULT_LOW
FAULT Output Low Voltage
IFAULT = 1mA
—
—
700
mV
THERMAL FOLD-BACK (NTC)
VNTC_HIGH
NTC Upper Threshold Voltage
Thermal fold-back starts
—
1.3
—
V
VNTC_LOWER
NTC Lower Threshold Voltage
Thermal fold-back stops
—
1
—
V
IBIAS
NTC Internal Bias Current
—
95
100
105
µA
THERMAL SHUTDOWN
TTSD
Thermal Shutdown Threshold
—
—
+165
—
°C
TTSD_HYS
Thermal Shutdown Hysteresis
—
—
+30
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com