Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ353-C Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPQ353-C
Description  350 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ353-C Datasheet(HTML) 1 Page - Astec America, Inc

  LPQ353-C Datasheet HTML 1Page - Astec America, Inc LPQ353-C Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
128
Special Features
Electrical Specs
350 Watts
LPQ350 Series
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
38 A max., cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and
radiated EN55022 Class B conducted
and radiated VDE 0878 PT3 Class B
conducted and radiated.
Power factor
0.99 typical
Safety ground leakage
current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
With cover: 350 W with 30 CFM forced
air, (-C) (-CF) (-CEF)
Adjustment range
± 5% min. on main: 3.3-24 V on output
4
Supervisory output
5 V @ 500 mA regulated, 12 @ 150 mA
x2
Hold-up time
20 ms @ 350 W load, 115 VAC nominal
line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating
Overvoltage protection
5 V output: 5.7-6.7 VDC.
Logic Control
Power failure
TTL logic signal goes high 50-150 msec
after 5 V output. It goes low at least 4
msec before loss of regulation
Remote on/off
Requires an external contact (N.O or
N.C) to inhibit outputs
DC-OK
TTL logic goes high 50-150 msec after
5 V output. It goes low when there is
loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
• Active power factor correction
• IEC EN61000-3-2 compliance
• Remote sense on 1st and 4th output
• Power fail and remote inhibit
• Single wire current sharing
• Built-in EMI filter
• Adjustable floating 4th output
• 2 Supervisory output 5 V and 12 V
• Overvoltage protection
• Overload protection
• Thermal overload protection
• DC power good
• 135 khz switching frequency
•Cover -C
• Optional with fan cover -CF
• Optional end-mounted fan -CEF
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from 50° to
70°C
Electromagnetic susceptibility: Designed to meet
IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.7 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
VDE
0805/EN60950 (IEC950)
21310-3336-0001
UL
UL1950
E186249
CSA
CSA 22.2-234 Level 5
LR109492C
NEMKO EN 60950/EMKO-TUE
P97102061 (74-sec) 203
CB
Certificate and report
4048, 4049
CE
Mark (LVD)
Environmental
Total Power:
350 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Quad
Safety
rev 12.10.03


Similar Part No. - LPQ353-C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ353-C EMERSON-NETWORKPOWER-LPQ353-C Datasheet
144Kb / 2P
Active power factor correction
logo
Artesyn Technologies
LPQ353-C ARTESYN-LPQ353-C Datasheet
1Mb / 4P
Total Power: 350 Watts
More results

Similar Description - LPQ353-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
350 Watts
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
350 Watts LPS350 Series
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
3501200 Watts
logo
Artesyn Technologies
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
Total Power: 350 Watts
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
350 Watts peak pulse power
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
350 Watts
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
350 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com