Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS35AF Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # SS35AF
Description  SCHOTTKY BARRIE R RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

SS35AF Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  SS35AF Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. SS35AF Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diode.co.kr
2.
RATINGSANDCHARACTERISTICCURVES
SS32AF --- SS320AF
2.0
0.01
0.001
0.01
1
0.1
10
20
0.1
1
0
20
40
60
80
100
50
10
0
20
0
40
60
80
100
0
0
1
0
1
1
0.2
0.4
0.6
0.8
1.0
1.6
1.4
1.2
0
25
50
75
100
125
150
175
0
3.0
4.0
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T =25 C
J
T =125 C
J
T =150 C
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T =T MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
J J
T =25 C
J
10
1
10
0.1
0.1
0.1
0.01
1
1
10
10
100
100
100
1000
100
E
C
N
A
D
E
P
M
I
L
A
M
R
E
H
T
T
N
E
I
S
N
A
R
T
L
A
C
I
P
Y
T
-
6
.
G
I
F
E
C
N
A
TI
C
A
P
A
C
N
O
IT
C
N
U
J
L
A
C
I
P
Y
T
-
5
.
G
I
F
T =25 C
f=1.0MH
J
Z
Vsig=50mVp-p
SS32T-SS34T
SS35T-SS320T
SS32T-SS34T
SS35T-SS320T
SS32T-SS34T
SS35T-SS320T
T =75 C
J
T =125 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com