Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS40 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS40
Description  40 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS40 Datasheet(HTML) 2 Page - Astec America, Inc

  LPS40 Datasheet HTML 1Page - Astec America, Inc LPS40 Datasheet HTML 2Page - Astec America, Inc LPS40 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Ordering Information
M
Mo
od
de
ell
N
Nu
um
mb
be
err
O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e
M
Miin
niim
mu
um
m
LLo
oa
ad
d
M
Ma
axxiim
mu
um
m LLo
oa
ad
d w
wiitth
h
C
Co
on
nvve
eccttiio
on
n C
Co
oo
olliin
ng
g
M
Ma
axxiim
mu
um
m LLo
oa
ad
d
w
wiitth
h 3
30
0C
CFFM
M
ffo
orrcce
ed
d A
Aiirr
P
Pe
ea
ak
k LLo
oa
ad
d 1
1 RReegguullaattiioonn 22
R
Riip
pp
plle
e P
P//P
P
((P
PA
AR
RD
D))3
3
LPS41(-T) 3.3V
0A
8A
11A
12A
±2%
50 mV
LPS42(-T) 5V
0A
8A
11A
12A
±2%
50 mV
LPS43(-T) 12V
0A
3.3A
4.5A
5A
±2%
120 mV
LPS44(-T) 15V
0A
2.6A
3.6A
4A
±2%
150mV
LPS45(-T) 24V
0A
1.7A
2.3A
2.5A
±2%
240mV
LPS48(-T) 48V
0A
0.9A
1.2A
1.3A
±2%
480 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and
load ranges.
4. (-T) indicates Terminal Block option for input and output (instead of Molex type)
Rev. 04.13.06
LPS40 Series
2of 3
Operating temperature: 0° to 50°C ambient. Derate each output 2.5% per degree from
50° to 70°C, -20°C start up.
Storage temperature:
-40°C to +85°C
Temperature coefficient: ±0.4% per °C
Electromagnetic
susceptibility:
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity:
Operating; non-condensing 5% to 95% RH
Vibration:
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at
four major resonances 0.75G peak 5Hz to 500Hz, operational
MTBF demonstrated:
>550,000 hours at full load and 25°C ambient conditions
Environmental Specifications
Power Derating Curve
Output
Power
(Watts)
0°C
10W
20W
30W
40W
10°C 20°C 30°C 40°C 50°C 60°C 70°C
TA – Ambient Temperature – °C
0W
Natural
Convection
Cooling
20W
27.5W
55W
30 CFM Forced Air Cooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com