Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL357 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL357
Description  7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL357 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL357 Datasheet HTML 1Page - Vishay Siliconix MODEL357 Datasheet HTML 2Page - Vishay Siliconix MODEL357 Datasheet HTML 3Page - Vishay Siliconix MODEL357 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 357
www.vishay.com
Vishay Spectrol
Revision: 18-Oct-2021
2
Document Number: 57059
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
357
B
1
203
K
X
B
251
P
2
2
MODEL
STYLE
MECHANICAL
FEATURES
OHMIC
VALUE
TOLERANCE
LINEARITY
PACKAGING
SPECIAL
REQUEST
357
B = bushing
0 = non turn pin
and continuous
rotation
1 = no non turn
pin and continuous
rotation
2 = non turn pin
with stops on
rotation
3 = no non turn pin
with stops on
rotation
470 = 47
Ω
222 = 2.200
Ω
103 = 10 k
Ω
For ohmic
value range
see electrical
specification
M = ± 20 %
K = ± 10 %
X = 2 %
A = 1 %
B25 =
box 50 pcs.
Special
B10 =
box 10 pcs.
B05 =
box 5 pcs.
Custom reference 
or shaft diameter
0 = 6.0 mm
1 = 6.35 mm
9 = special
shaft type
P = plain
S = slotted
FMF (from
mounting face)
range from 12 mm
to 75 mm in 1 mm
increments
PART NUMBER DESCRIPTION (for information only)
357
B
1
203
K
X
BO25
1P22
MODEL
STYLE
MECHANICAL
FEATURES
OHMIC
VALUE
TOLERANCE
LINEARITY
PACKAGING
SPECIAL
REQUEST
DIMENSIONS in inches (millimeters)
7.92 ± 0.2
Ø 6.35 mm SHAFT VERSION
Ø 6.0 mm SHAFT VARIATION: METRIC
TOLERANCES: LINEAR ± 0.50
ANGULAR ± 2°
SIGNAL
SCHEMATIC
2
3
1
Ø 1.57 ± 0.1
90°
3
1
2
R 4.5
IDENTIFICATION = LASER MARKING
10.3
Ø 6
0
- 0.05
Ø 6.345
0
- 0.05
3/8-32 UNEF-2A
1.57
0.64 ± 0.2
22
8.8
1.5
9.4
3 x 3.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com