Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS50 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS50
Description  60 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS50 Datasheet(HTML) 2 Page - Astec America, Inc

  LPS50 Datasheet HTML 1Page - Astec America, Inc LPS50 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.75"
[95.3]
4.00"
[101.6]
0.16"
[4.0]
R2
2
SK1
TH1
C1
F2
L1
F1
C5
L3
DB1
C32
C24
C30
C17
C9
C18
Q6
T1
D4
R1
LED1
D2
T2
C22
SK2
C27
R3A
R3
Q5
L2
VR1
T3.15A 2.5A
250VAC
2005
+
GRN/
YEL
~
~
B
A
HTSK_SEC
C4
1
TP1
J
I
J3
F
H
J2
E
G
J1
D
TP2
J4
Mounting Hole
Ø0.16"[4.0] 4 Places
GND
3
1
M1
6
1
M2
VR1
(Output Voltage
Adjustment Pot)
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44(1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
75
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
Load1
P/P (PARD)3
LPS52
5 V
0 A
11 A
12 A
±2%
50 mV
LPS53
12 V
0 A
5 A
5.4 A
±2%
120 mV
LPS54
15 V
0 A
4 A
4.4 A
±2%
150 mV
LPS55
24 V
0 A
2.5 A
2.75 A
±2%
240 mV
LPS58
48 V
0 A
1.25 A
1.35 A
±2%
480 mV
1. Peak current lasting <15 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
Connector LPS52
LPS53
LPS54
LPS55
LPS58
SK1-1
Line
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
Neutral
SK2-1
+5 V
+12 V
+15V
+24V
+48
SK2-2
+5 V
+12 V
+15V
+24V
+48
SK2-3
Common
Common
Common
Common
Common
SK2-4
Common
Common
Common
Common
Common
SK2-5
-Sense
-Sense
-Sense
-Sense
-Sense
SK2-6+Sense
+Sense
+Sense
+Sense
+Sense
Mating Connectors
AC Input:
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-58-0111
DC Outputs:
Molex 09-50-8061 (USA)
09-91-0600 (UK)
PINS: 08-58-0111
Astec Connector Kit #70-841-006, includes all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02" (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 VAC
input, 25°C unless otherwise stated.
6. Warranty: 1 year
7. Weight: .41lbs/.18kg
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com