Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LT47-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 440LT47-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LT47-R Datasheet(HTML) 3 Page - Vishay Siliconix

  440LT47-R Datasheet HTML 1Page - Vishay Siliconix 440LT47-R Datasheet HTML 2Page - Vishay Siliconix 440LT47-R Datasheet HTML 3Page - Vishay Siliconix 440LT47-R Datasheet HTML 4Page - Vishay Siliconix 440LT47-R Datasheet HTML 5Page - Vishay Siliconix 440LT47-R Datasheet HTML 6Page - Vishay Siliconix 440LT47-R Datasheet HTML 7Page - Vishay Siliconix 440LT47-R Datasheet HTML 8Page - Vishay Siliconix 440LT47-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 29-Oct-2021
3
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WIRE LEAD OPTIONS - BULK PACKAGED
Radial leaded capacitors may be ordered with various wire lead options by adding appropriate suffix code to the catalog part
number.
Example: 440LD22UG-R (suffix code) specifies:
#20 AWG wire; LS = 0.375"; inline wire; long lead length, bulk packed
Notes
• Popular wire lead form options are described above; consult factory for other available forms www.vishay.com/doc?23140
• Practical consideration may limit wire options depending on capacitor size - verify special requirements with factory
• For detailed information and figures see general information: www.vishay.com/doc?23140
Fig. 1 - Straight wire
Fig. 2 - Inline wire
TAPE AND REEL OPTIONS
Radial leaded parts may be ordered with tape and reel packaging by adding appropriate suffix code to part number, like for wire
lead options.
Note
(1) Figure can be found in general information www.vishay.com/doc?23140, section Tape and Reel Options
WIRE FORM
DESCRIPTION
FIG.
LEAD
LENGTH
LEAD SPACING
0.375" (9.5 mm)
0.400" (10.0 mm)
0.500" (12.7 mm)
#20
AWG
#22
AWG
#20
AWG
#22
AWG
#20
AWG
#22
AWG
Straight wire
1
Long “LL”
AJ
BJ
AD
BL
AM
BM
Inline wire
2
Long “LL”
Cut “CL”
UG
UJ
UL
UM
UQ
US
UH
UK
UN
UP
UR
UT
0.125" (3.2 mm) max.
LS
T
max.
D
max.
LO
LL
0.187" (4.8 mm) max.
LS
T
max.
D
max.
CL
Minimum CL = 0.120" (3 mm) inline wire, LO = 0
LL
WIRE INFORMATION
#20 AWG
0.032" (0.81) tinned copper wire
#22 AWG
0.025" (0.64) tinned copper wire
LEAD LENGTH INFORMATION
• Standard long lead “LL” length = 1.250" (32 mm) minimum
• Cut lead “CL” length may be user specified; if unspecified, Vishay Cera-Mite supplies 0.187" (4.8 mm) EIA standard
• Cut lead lengths are measured from bottom of wire seating plane (wire support point on circuit board)
• Cut lead length tolerance: + 0.031" / - 0.015" (+ 0.8 mm / - 0.4 mm)
TAPE AND REEL PACKAGING PART NUMBER SUFFIX
TAPE AND REEL SUFFIX CODES FOR VARIOUS WIRE FORMS AND SIZES
TAPE AND REEL
FIG.
LS
(mm)
MAX. DISC
DIAMETER
TAPE AND REEL
STANDARD
STRAIGHT WIRE
FIG. 1
INLINE WIRE
FIG. 2
(in)
(mm)
#20
AWG
#22
AWG
#20
AWG
#22
AWG
C (1)
10
0.708
18.0
EIA
AP
QX
XK
XT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com