Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LT68-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 440LT68-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LT68-R Datasheet(HTML) 2 Page - Vishay Siliconix

  440LT68-R Datasheet HTML 1Page - Vishay Siliconix 440LT68-R Datasheet HTML 2Page - Vishay Siliconix 440LT68-R Datasheet HTML 3Page - Vishay Siliconix 440LT68-R Datasheet HTML 4Page - Vishay Siliconix 440LT68-R Datasheet HTML 5Page - Vishay Siliconix 440LT68-R Datasheet HTML 6Page - Vishay Siliconix 440LT68-R Datasheet HTML 7Page - Vishay Siliconix 440LT68-R Datasheet HTML 8Page - Vishay Siliconix 440LT68-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 29-Oct-2021
2
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings are available bulk or tape and reel on request
• Minimum lead clearance according to IEC 60384-14: 0.315" (8 mm)
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X1 / Y1 CAPACITORS 440L
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
ORDERING
CODE
AWG
INCH (mm)
C0G
10
± 10
0.330 (8.4)
0.195 (5.0)
20
0.032 (0.81)
0.375 (9.5)
0.098 (2.5)
440LQ10-R
U2J
15
± 10
0.330 (8.4)
0.210 (5.3)
20
0.032 (0.81)
0.375 (9.5)
0.110 (2.8)
440LQ15-R
P3K
22
± 10
0.330 (8.4)
0.190 (4.8)
20
0.032 (0.81)
0.375 (9.5)
0.094 (2.4)
440LQ22-R
R3L
33
± 10
0.330 (8.4)
0.200 (5.1)
20
0.032 (0.81)
0.375 (9.5)
0.102 (2.6)
440LQ33-R
47
± 10
0.330 (8.4)
0.180 (4.6)
20
0.032 (0.81)
0.375 (9.5)
0.083 (2.1)
440LQ47-R
X7R
68
± 10
0.330 (8.4)
0.220 (5.6)
20
0.032 (0.81)
0.375 (9.5)
0.122 (3.1)
440LQ68-R
100
0.220 (5.6)
0.122 (3.1)
440LT10-R
150
0.235 (6.0)
0.138 (3.5)
440LT15-R
220
0.235 (6.0)
0.138 (3.5)
440LT22-R
330
0.225 (5.7)
0.126 (3.2)
440LT33-R
Y5U
470
± 20
0.330 (8.4)
0.230 (5.8)
20
0.032 (0.81)
0.375 (9.5)
0.130 (3.3)
440LT47-R
560
0.330 (8.4)
0.230 (5.8)
0.130 (3.3)
440LT56-R
680
0.330 (8.4)
0.235 (6.0)
0.138 (3.5)
440LT68-R
1000
0.365 (9.3)
0.225 (5.7)
0.126 (3.2)
440LD10-R
1500
0.365 (9.3)
0.220 (5.6)
0.118 (3.0)
440LD15-R
2000
0.400 (10.2)
0.220 (5.6)
0.118 (3.0)
440LD20-R
2200
0.430 (10.9)
0.225 (5.7)
0.126 (3.2)
440LD22-R
2700
0.460 (11.7)
0.225 (5.7)
0.126 (3.2)
440LD27-R
2800
0.460 (11.7)
0.220 (5.6)
0.122 (3.1)
440LD28-R
3000
0.490 (12.4)
0.225 (5.7)
0.126 (3.2)
440LD30-R
3200
0.490 (12.4)
0.220 (5.6)
0.122 (3.1)
440LD32-R
3300
0.490 (12.4)
0.220 (5.6)
0.122 (3.1)
440LD33-R
3900
0.530 (13.5)
0.220 (5.6)
0.118 (3.0)
440LD39-R
4000
0.530 (13.5)
0.220 (5.6)
0.122 (3.1)
440LD40-R
4700
0.620 (15.7)
0.230 (5.8)
0.130 (3.3)
440LD47-R
5000
0.620 (15.7)
0.225 (5.7)
0.126 (3.2)
440LD50-R
5500
0.680 (17.3)
0.230 (5.8)
0.134 (3.4)
440LD55-R
5600
0.680 (17.3)
0.230 (5.8)
0.134 (3.4)
440LD56-R
6800
0.720 (18.3)
0.235 (6.0)
0.138 (3.5)
440LD68-R
8000
0.720 (18.3)
0.220 (5.6)
0.122 (3.1)
440LD80-R
9000
0.790 (20.1)
0.225 (5.7)
0.126 (3.2)
440LD90-R
10 000
0.850 (21.6)
0.230 (5.8)
0.134 (3.4)
440LS10-R
20 000
0.850 (21.6)
0.355 (9.0)
0.134 (3.4)
440LS20-R
0.125
max. (3.2)
Tinned Copper Leads
1.250 min.
(32)
T
max.
LS
LO
Ø
D
max.
440LS20-R
D
max.
T
max.
0.125 max.
(3.2)
1.625 ± 0.125
(41.3 ± 3.2)
LS
LO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com