Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LD10-R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 440LD10-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LD10-R Datasheet(HTML) 6 Page - Vishay Siliconix

  440LD10-R Datasheet HTML 1Page - Vishay Siliconix 440LD10-R Datasheet HTML 2Page - Vishay Siliconix 440LD10-R Datasheet HTML 3Page - Vishay Siliconix 440LD10-R Datasheet HTML 4Page - Vishay Siliconix 440LD10-R Datasheet HTML 5Page - Vishay Siliconix 440LD10-R Datasheet HTML 6Page - Vishay Siliconix 440LD10-R Datasheet HTML 7Page - Vishay Siliconix 440LD10-R Datasheet HTML 8Page - Vishay Siliconix 440LD10-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 29-Oct-2021
6
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AC CURRENT VS. VOLTAGE
IMPEDANCE VS. FREQUENCY (Wire Length 10 mm)
10
100
1000
10000
0
20
40
60
80
100
0
1000
2000
3000
4000
Axis Title
AC Voltage (V) RMS
440LQ47-R
440LQ33-R
440LQ22-R
440LQ15-R
440LQ10-R
10
100
1000
10000
0
0.5
1.0
1.5
2.0
2.5
3.0
0
500 1000 1500 2000 2500 3000 3500 4000
Axis Title
AC Voltage (V) RMS
440LD32-R
440LD30-R
440LD28-R
440LD27-R
440LD22-R
440LD20-R
440LD15-R
440LD10-R
440LT68-R
440LT56-R
440LT47-R
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1000200030004000
Axis Title
AC Voltage (V) RMS
440LT68-R
440LT56-R
440LT47-R
440LT33-R
440LT22-R
440LT15-R
440LT10-R
440LQ68-R
10
100
1000
10000
0
2
4
6
8
10
12
14
16
0
500 1000 1500 2000 2500 3000 3500 4000
Axis Title
AC Voltage (V) RMS
440LS20-R
440LS10-R
440LD80-R
440LD68-R
440LD56-R
440LD47-R
440LD39-R
50 Hz, 22 °C
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
Axis Title
Frequency (MHz)
440LS20-R
440LQ47-R
440LT47-R
440LD47-R
440LQ10-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com