Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVS15-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30LVS15-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVS15-R Datasheet(HTML) 2 Page - Vishay Siliconix

  30LVS15-R Datasheet HTML 1Page - Vishay Siliconix 30LVS15-R Datasheet HTML 2Page - Vishay Siliconix 30LVS15-R Datasheet HTML 3Page - Vishay Siliconix 30LVS15-R Datasheet HTML 4Page - Vishay Siliconix 30LVS15-R Datasheet HTML 5Page - Vishay Siliconix 30LVS15-R Datasheet HTML 6Page - Vishay Siliconix 30LVS15-R Datasheet HTML 7Page - Vishay Siliconix 30LVS15-R Datasheet HTML 8Page - Vishay Siliconix 30LVS15-R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
30LV Series
www.vishay.com
Vishay Cera-Mite
Revision: 30-Sep-2021
2
Document Number: 23103
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X1/Y2 CAPACITORS 30LV
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
ORDERING
CODE
AWG
INCH (mm)
C0G
10
± 10
0.330 (8.4)
0.190 (4.8)
22
0.025 (0.64)
0.250 (6.4)
30LVQ10-R
U2J
15
± 10
0.330 (8.4)
0.200 (5.1)
22
0.025 (0.64)
0.250 (6.4)
30LVQ15-R
P3K
22
± 10
0.330 (8.4)
0.185 (4.7)
22
0.025 (0.64)
0.250 (6.4)
30LVQ22-R
R3L
33
± 10
0.330 (8.4)
0.190 (4.8)
22
0.025 (0.64)
0.250 (6.4)
30LVQ33-R
47
± 10
0.330 (8.4)
0.170 (4.3)
22
0.025 (0.64)
0.250 (6.4)
30LVQ47-R
S3L
68
± 10
0.330 (8.4)
0.175 (4.4)
22
0.025 (0.64)
0.250 (6.4)
30LVQ68-R
X7R
100
± 10
0.330 (8.4)
0.200 (5.1)
22
0.025 (0.64)
0.250 (6.4)
30LVT10-R
150
0.330 (8.4)
0.180 (4.6)
30LVT15-R
220
0.330 (8.4)
0.190 (4.8)
30LVT22-R
330
0.330 (8.4)
0.210 (5.3)
30LVT33-R
470
0.330 (8.4)
0.180 (4.6)
30LVT47-R
560
0.330 (8.4)
0.190 (4.8)
30LVT56-R
680
0.330 (8.4)
0.180 (4.6)
30LVTT68-R
1000
0.365 (9.3)
0.185 (4.7)
30LVTD10-R
1500
0.460 (11.7)
0.180 (4.6)
30LVTD15-R
Y5U
680
± 20
0.330 (8.4)
0.210 (5.3)
22
0.025 (0.64)
0.250 (6.4)
30LVT68-R
1000
0.330 (8.4)
0.215 (5.5)
30LVD10-R
1500
0.330 (8.4)
0.195 (5.0)
30LVD15-R
2000
0.400 (10.2)
0.210 (5.3)
30LVD20-R
2200
0.400 (10.2)
0.200 (5.1)
30LVD22-R
2700
0.430 (10.9)
0.200 (5.1)
30LVD27-R
2800
0.430 (10.9)
0.200 (5.1)
30LVD28-R
3000
0.460 (11.7)
0.200 (5.1)
30LVD30-R
3200
0.460 (11.7)
0.200 (5.1)
30LVD32-R
3300
0.460 (11.7)
0.195 (5.0)
30LVD33-R
3900
0.490 (12.4)
0.200 (5.1)
30LVD39-R
4000
0.530 (13.5)
0.210 (5.3)
30LVD40-R
0.125
max. (3.2)
Tinned Copper Leads
1.250 min.
(32)
T
max.
LS
Ø
D
max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com