Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2290800-R Datasheet(PDF) 2 Page - Microchip Technology

Part # 2290800-R
Description  12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2290800-R Datasheet(HTML) 2 Page - Microchip Technology

  2290800-R Datasheet HTML 1Page - Microchip Technology 2290800-R Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo and Adaptec are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their
respective companies.
© 2019, Microchip Technology Incorporated. All Rights Reserved. 4/19
DS00003031A
www.microchip.com
Highlights
• maxCache 4.0 caching software
• RAID levels: 0, 1, 5, 6, 10, 50, 60, 1 ADM and 10 ADM
• Supports simultaneous use of RAID and raw devices (mixed mode)
• Fifth-generation Zero-Maintenance Cache Protection (ZMCP)
• Up to 24 native SAS/SATA ports in a LP/MD2 design
• 12 Gbps and 6 Gbps compatibility with HDD or SSD SAS/
SATA devices
• 12 Gbps throughput per SAS port using mini-SAS HD
connectors
• 1.7M random read 4 KB IOPS1
• Industry's lowest-power 28 nm SmartROC
SAS/SATA protocol controller
• Quality and reliability through the unified, hardened Smart Stor-
age stack, which is deployed in over 30M servers
116- and 24-port adapters can achieve 1.7M random read IOPS for 4 KB I/Os. Adapters
with 8 ports and fewer are capable of 1.5M IOPS.
Parameters
Parameter
Description
Key Software
Features
• maxCache 4.0 caching software (SmartRAID 315x
products with cache protection)
• Mixed mode allows devices connected to the
same adapter to be used in RAID and HBA modes
simultaneously
• Adapter dynamic power management to save up to
30% power
• Support for up to 256 SAS/SATA target devices (238
SSDs/HDDs maximum support, remainder are reserved
for expanders and enclosure management)
• Support for native 4K sector SAS/SATA devices in
addition to 512-byte sector devices
• RAID ADM through triple mirroring, move array, and
split mirroring
• Quick initialization
• Online capacity expansion
• Copyback hot spare
• Dynamic caching algorithm
• Native Command Queuing (NCQ)
• Background initialization
• Hot-plug drive support
• RAID level migration
• Hot spares—global, dedicated, and pooled
• Automatic/manual rebuild of hot spares
• SES and SGPIO enclosure management
• Configurable stripe size
• S.M.A.R.T. support
• BMC support
• Dynamic sector repair
• Staggered drive spin-up
• Bootable array support
• Support for tape devices, autoloaders
• Smart PQI driver with multip queue and MSI-X support
for all device drivers for all supported OSes
• Secure boot support for the uEFI host BIOS
• USB image available on
storage.microsemi.com/en-us/support/start to boot
maxView GUI from any USB device for enhanced
GUI-based setup and offline maintenance
Management
Utilities
maxView Storage Manager
• Web-based GUI management utility
• Windows®, Linux®, Solaris, VMware support
• Remote configuration, monitoring, and notification
• Remote firmware updates
• SMI-S support
• SMTP
ARCCONF
• Command-line interface
• SMI-S support for VMware
BIOS Configuration Utility (CTRL+A)
• Legacy configuration utility
• Flashable BIOS support
ROM-Based uEFI BIOS Configuration Utilities
• HII-based pre-boot GUI configuration utility
• Arcconf CLI for uEFI shell
• Flashable BIOS support
Event Monitor
• Lightweight event monitoring and logging tool
• Distributes adapter events and notifies user
Operating
Systems
Microsoft Windows Server, Windows 10, Windows 8.1, Windows 7, Red Hat Enterprise Linux, CentOS, SuSE Linux Enterprise Server, Ubuntu Linux, Debian Linux, Oracle Linux,
Citrix XenServer, Solaris, FreeBSD, VMware ESXi, and open-source Linux drivers.
The latest drivers are available at storage.microsemi.com/en-us/support/start. Supports open-source Linux drivers and inbox drivers.
CPU Architecture
Intel, AMD, Cavium ThunderX2
Dimensions
2.535" H × 6.6" L (64 mm × 167 mm)
Operating
Temperature
0°C to 55°C with 200 LFM airflow (SmartRAID 3154-24i requires 250 LFM).
Note: This adapter contains a powerful RAID processor that requires adequate airflow to operate reliably. Only install this card into server or PC
chassis with at least 200 LFM airflow (250 LFM airflow for (SmartRAID 3154-24i). Temperature measured 1 inch from RAID adapter.
Regulatory
Certification
CE, FCC, UL, C-tick, VCCI, KCC, CNS
Environmental
Compliance
RoHS
MTBF
1.37 million hours (all 4i and 8i board variants), 2.0 million hours (8i8e and 8i16e), and 1.7 million hours (24i and 16i), measured at 40°C
Warranty
3 years
Ordering Information
SmartRAID 3100 Series Part Number
RAID
Levels
Host
Interface
SAS/SATA Ports
Cache
Cache
Width
Cache Backup
(ZMCP)
maxCache 4.0
SmartRAID 3154-24i
2294700-R
0, 1 ,5,
6, 10,
50, 60,
1 ADM,
10 ADM
8-Lane
PCIe Gen3
24 internal
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID-3154-8i16e
2294600-R
8 internal/16 external
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, supported
SmartRAID 3154-16i
2295000-R
16 internal
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID-3154-8i8e
2295100-R
8 internal/8 external
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID 3154-8e
2290800-R
8 external
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID 3154-8i
2291000-R
8 internal
4 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID 3152-8i
2290200-R
8 internal
2 GB DDR4/2100 MHz
64-bit
Yes, integrated
Yes, integrated
SmartRAID 3102-8i
2294800-R
8 internal
2 GB DDR4/2100 MHz
64-bit
No
No
SmartRAID 3151-4i
2294900-R
4 internal
1 GB DDR4/2100 MHz
32-bit
Yes, integrated
Yes, integrated
SmartRAID 3101-4i
2291700-R
4 internal
1 GB DDR4/2100 MHz
32-bit
No
No
For More Information
https://www.microsemi.com/product-directory/smart-storage-platform/4323-12g-smartraid-3100-series-adapters



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com