Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2290200-R Datasheet(PDF) 1 Page - Microchip Technology

Part # 2290200-R
Description  12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2290200-R Datasheet(HTML) 1 Page - Microchip Technology

  2290200-R Datasheet HTML 1Page - Microchip Technology 2290200-R Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Performance and Flexibility
Data center, Enterprise IT and general consumer server environments have a
broad range of requirements—from basic connectivity to extreme data storage
capacities. Effective data access and protection is crucial to their ultimate suc-
cess. The 12 Gbps SmartRAID 3100 adapters, coupled with 12 Gbps SSDs,
provide maximum read/write bandwidth and IOPS as well as acceleration and
latency optimization through caching for the most performance-hungry trans-
actional and database applications. Furthermore, the SmartRAID 3100, built
upon the unified Smart Storage stack, unlocks all features and performance of
the HBA 1100 when the drives are configured as raw devices.
www.microchip.com
Data Center Solutions
Adaptec® SmartRAID 3100 Series:
24i/8i16e/16i/8i8e/8i/8e/4i
12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
maxCache 4.0 SSD Caching
maxCache accelerates HDD-based RAID arrays and logical
drives, advancing the performance capabilities for a broader set
of application workloads. SmartRAID 315x adapters support
read- and write-back caching. By caching writes to a redundant
SSD cache pool, maxCache 4.0 leverages the performance
and latency capabilities of SSD technology for both read and
write workloads. Read performance is also improved by caching
frequently accessed data on the SSD tier with additional optimi-
zations through the learned-path algorithm, which leverages the
aggregate performance of all available storage devices.
Integrated Cache Protection
The SmartRAID family continues a battery-free portfolio. The
SmartRAID 315x Series integrates flash-based cache backup
to enable instant cache protection. The tethered Adaptec®
ASCM-35Fw capacitor module supports a five-year lifetime and
is continuously monitored by the Smart firmware to make sure
that the data can be safely backed up to the Flash memory on
the SmartRAID adapter in case of a power loss.
Advanced Data Protection
and Ease of Use
Microchip's industry-leading Smart Storage stack delivers
maximum reliability and best-in-class performance that all RAID
levels come to expect, plus unique features like Mixed Mode
support (RAID and HBA devices can be used simultaneously),
adapter power management (reduces power consumption
up to 30 percent), and Advanced Data Management (ADM)
features that allow data migration from existing RAID arrays to
new ones when upgrading old hard disks or worn-out SSDs.
Adaptec maxView provides an HTML5 web interface that can be
used in standard desktops and mobile browsers for all storage
configuration and management needs. It supports local and
remote management, and comes with plugins for major storage
management software suites for enterprises and data centers.
Benefits
• Ideal for enabling 12 Gbps storage capabilities in perfor-
mance-hungry server and workstation platforms, without
compromising proven reliability
• Provides high I/O transaction and high bandwidth process-
ing solutions that reduce energy consumption and mainte-
nance costs
• Accelerates storage with up to 4 GB of high-speed DRAM
cache with integrated cache protection (SmartRAID 315x
SKUs only)


Similar Part No. - 2290200-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
22902.5 LITTELFUSE-22902.5 Datasheet
139Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
22902.5P LITTELFUSE-22902.5P Datasheet
118Kb / 2P
Axial Lead and Cartridge Fuses - Subminiature Glass Body
logo
Qualtek Electronics Cor...
229022-01 QUALTEK-229022-01 Datasheet
163Kb / 1P
POWER CORD
logo
PHOENIX CONTACT
2290245 PHOENIX-2290245 Datasheet
61Kb / 2P
System connectors - FLKM 50-PA-MODI-984
logo
Littelfuse
229025 LITTELFUSE-229025 Datasheet
136Kb / 2P
2AG Slo-Blo Fuse
More results

Similar Description - 2290200-R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
Express SATASAS RAID Controller
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
Broadcom Corporation.
SAS3224 BOARDCOM-SAS3224 Datasheet
190Kb / 2P
PCIe to 24-port, 12 Gb/s SAS/SATA IOC
9380-8I8E BOARDCOM-9380-8I8E Datasheet
142Kb / 2P
High Port Count 12 Gb/s PCI Express SATA SAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com