Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1012V2-R080-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP1012V2-R080-R
Description  High frequency, high current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1012V2-R080-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP1012V2-R080-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 6Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 7Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 8Page - Eaton All Rights Reserved. FP1012V2-R080-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data 10953
Effective December 2020
Supersedes February 2020
FP1012V
High frequency, high current power inductors
Applications
•
Multi-phase and Vcore regulators
•
Voltage regulator modules (VRMs) and high
power density VRMs
•
Server and desktop
•
Central processing unit (CPU)
•
Graphics processing unit (GPU)
•
Application specific integrated circuit
(ASIC)
•
Data networking and storage systems
•
Graphics cards and battery power systems
•
Point-of-Load modules
Environmental compliance and general
specifications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE
Product features
•
Vertical design utilizes less board space
•
High current carrying capacity
•
Operating frequency up to 3 MHz
•
Inductance range from 70 nH to 470 nH
•
Current range 22 A to 190 A
•
10.0 mm x 6.0 mm footprint surface mount
package in 12 mm height
•
Moisture sensitivity level (MSL): 1
•
Ferrite core material
•
Weight: 3.1 grams typical


Similar Part No. - FP1012V2-R080-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1012 ETC1-FP1012 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120 ETC1-FP10120 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120A ETC1-FP10120A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1012A ETC1-FP1012A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
More results

Similar Description - FP1012V2-R080-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com