Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS155 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS155
Description  150 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS155 Datasheet(HTML) 2 Page - Astec America, Inc

  LPS155 Datasheet HTML 1Page - Astec America, Inc LPS155 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
113
www.astec.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load1
P/P (PARD)3
LPS152
5 V
0 A
22 A
30 A
35 A
±2%
50 mV
LPS153
12-(15) V
0 A
9.1 A
12.5 A
14.5 A
±2%
150 mV
LPS155
24-(28) V
0A
4.5 A
6.2 A
7.2 A
±2%
280 mV, max.
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line and load ranges.
Note: -C suffix added to the model number indicates cover option.
Connector
LPS152
LPS153
LPS155
SK1
PIN 1
INHIBIT -ve
INHIBIT -ve
INHIBIT -ve
PIN 2
INHIBIT +ve
INHIBIT +ve
INHIBIT +ve
PIN 3
VCC
VCC
VCC
PIN 4
No Connection
No Connection
No Connection
PIN 5
COMMON
COMMON
COMMON
PIN 6
-SENSE
-SENSE
-SENSE
PIN 7
+SENSE
+SENSE
+SENSE
PIN 8
C SHARE
C SHARE
C SHARE
SK2
PIN 5
COMMON
COMMON
COMMON
PIN 6
PIN REMOVED
PIN REMOVED
PIN REMOVED
PIN 7
POK
POK
POK
SK3
TB-1
COMMON
COMMON
COMMON
TB-2
+5 V
+12 to +15 V
+24 to +28 V
SK4
PIN 1
GROUND
GROUND
GROUND
PIN 3
LINE
LINE
LINE
PIN 5
NEUTRAL
NEUTRAL
NEUTRAL
Mating Connectors
(SK4) AC Input:
Molex 09-50-8051 (USA)
Molex 09-91-0500 (UK)
PINS: 08-58-0111
(SK2) Power fail: Molex 09-50-8031 (USA)
Molex 09-91-0300 (UK)
PINS: 08-58-0111
(SK1) Remote sense/Remote inhibit:
Molex 51110-0851 (USA)
Pins: 50394-8100
Astec Connector Kit #70-841-009, includes al of the above.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Specifications are for convection rating at factory settings unless
otherwise stated.
4. Remote inhibit requires an external 5V @ 10mA to activate.
5. Mounting (6-32) maximum insertion depth is 0.12”.
6. Warranty: 1 year
7. Weight: 1.75 lb. / 0.80 kg
4.25
(108.0)
1.5
(38.1)
.75 (19.0)
.5625
SK3
8.5
(216.0)
7.4
(188.0)
2.5
(63.5)
.875
(22.25)
SK2
SK4
21
7 6 5
5 3 1
SK1
1234
8765
#6-32 (8 places)
Do Not
Adjust
Output
Adjust
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com