Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1012V3-R120-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FP1012V3-R120-R
Description  High frequency, high current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1012V3-R120-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FP1012V3-R120-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 6Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 7Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 8Page - Eaton All Rights Reserved. FP1012V3-R120-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data 10953
Effective December 2020
FP1012V
High frequency, high current power inductors
www.eaton.com/electronics
Product specifications
Part number8
OCL1
(nH) ±10%
FLL2
(nH) minimum
I
rms
3
(A)
I
sat1
4
(A)
I
sat2
5
(A)
I
sat3
6
(A)
DCR (mΩ)
@ +20 °C
±10%
K-factor7
V2 version
FP1012V2-R070-R
70
50
84
130+
130+
130+
0.125
305
FP1012V2-R080-R
80
57
84
130+
130+
125
0.125
305
FP1012V2-R090-R
90
64
84
130+
117
110
0.125
305
FP1012V2-R100-R
100
72
84
125
105
100
0.125
305
FP1012V2-R120-R
120
86
84
105
88
81
0.125
305
FP1012V2-R150-R
150
108
84
83
70
66
0.125
305
FP1012V2-R330-R
330
231
84
36
28
26
0.125
305
FP1012V2-R470-R
470 (±15%)
329
84
22
19
18
0.125
305
V3 version
FP1012V3-R070-R
70
50
84
190
172
160
0.125
305
FP1012V3-R080-R
80
57
84
170
146
132
0.125
305
FP1012V3-R090-R
90
64
84
150
128
121
0.125
305
FP1012V3-R100-R
100
72
84
138
115
110
0.125
305
FP1012V3-R120-R
120
86
84
116
96
89
0.125
305
FP1012V3-R150-R
150
108
84
91
77
72
0.125
305
FP1012V3-R240-R
240
168
84
56
48
45
0.125
305
FP1012V3-R330-R
330
231
84
40
32
30
0.125
305
1. Open circuit inductance (OCL) test parameters: 100 kHz, 0.1 Vrms, 0.0 Adc, +25 °C
2. Full load inductance (FLL) test parameters: 100 kHz, 0.1 Vrms, Isat1, +25 °C
3. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +125 °C under worst case operating
conditions verified in the end application.
4. Isat1 : Peak current for approximately 20% rolloff @ +25 °C
5. Isat2 : Peak current for approximately 20% rolloff @ +100 °C
6. Isat3 : Peak current for approximately 20% rolloff @ +125 °C
7. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ∆I * 10-3. Bp-p:(Gauss), K: (K-factor from
table), L: (Inductance in nH), ∆I (Peak to peak ripple current in Amps).
8. Part number definition: FP1012Vx-Rxxx-R
FP1012 = Product code and size
Vx= Version indicator
Rxxx=Inductance value in μH, R=decimal point
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com