Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1012V3-R150-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # FP1012V3-R150-R
Description  High frequency, high current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1012V3-R150-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  FP1012V3-R150-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 6Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 7Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 8Page - Eaton All Rights Reserved. FP1012V3-R150-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Technical Data 10953
Effective December 2020
FP1012V
High frequency, high current power inductors
www.eaton.com/electronics
Packaging information- mm
Supplied in tape and reel packaging, 250 parts per 13” diameter reel (EIA-481 compliant)
Temperature rise vs. total loss
0
10
20
30
40
50
60
70
0.00.5
1.01.5
2.0
Total loss (W)
FP1012V2/V3
W ±0.3
24.00
F±0.1
11.50
E1±0.10
1.75
P0±0.10
4.00
P1±0.10
20.00
P2±0.1
2.00
1.50
D0+0.10/-0
A0
6.2±010
B0
10.2±0.10
K0
12.2±0.10
T ±0.05
0.5
1.50
D1+0.10/-0
W ±0.3
24.00
F±0.1
11.50
E1±0.10
1.75
P0±0.10
4.00
P1±0.10
20.00
P2±0.1
2.00
1.50
D0+0.10/-0
A0
6.2±010
B0
10.2±0.10
K0
12.2±0.10
T ±0.05
0.5
1.50
D1+0.10/-0
FP1012V2
FP1012V3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com