Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM131 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTM131
Description  DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM131 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTM131 Datasheet HTML 1Page - CT Micro International Corporation CTM131 Datasheet HTML 2Page - CT Micro International Corporation CTM131 Datasheet HTML 3Page - CT Micro International Corporation CTM131 Datasheet HTML 4Page - CT Micro International Corporation CTM131 Datasheet HTML 5Page - CT Micro International Corporation CTM131 Datasheet HTML 6Page - CT Micro International Corporation CTM131 Datasheet HTML 7Page - CT Micro International Corporation CTM131 Datasheet HTML 8Page - CT Micro International Corporation CTM131 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev 0.2
Proprietary & Confidential
Page 1
Dec, 2018
CTM131 Series
DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Package Outline
Schematic
Features
High isolation 3750 VRMS
Multiple CTR selection available
DC input with transistor output
Creepage distance ≥5mm
Distance Through Isolation > 0.4mm
Operating temperature range - 55 °C to 110 °C
Halogen free compliance
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC
– (pending approval)
Description
These CTM131 series of general purpose
optocoupler consists of a photo transistor optically
coupled to a gallium arsenide Infrared-emitting diode
in a 5-lead Mini-Flat package.
Applications
DC-DC Converters
Programmable controllers
Telecommunication equipment
Hybrid substrates that require high density
mounting


Similar Part No. - CTM131

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM1040 REICU-CTM1040 Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1040T REICU-CTM1040T Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1050 REICU-CTM1050 Datasheet
199Kb / 1P
Rec-Send
REV:13.3
CTM1050T REICU-CTM1050T Datasheet
199Kb / 1P
Rec-Send
REV:13.3
logo
List of Unclassifed Man...
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
Cable Tie Anchor Mount, .58
More results

Similar Description - CTM131

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CT1110 CTMICRO-CT1110 Datasheet
1Mb / 12P
DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CT1119-W CTMICRO-CT1119-W Datasheet
1Mb / 12P
DC Input 5-Pin Long Mini-Flat Phototransistor Optocoupler
Rev 2 Dec, 2017
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
logo
Guangdong Youtai Semico...
LTV-354 UMW-LTV-354 Datasheet
1Mb / 8P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com