Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PROG Datasheet(PDF) 5 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP-PROG
Description  Introduction to the ESP-Prog Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP-PROG Datasheet(HTML) 5 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP-PROG Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP-PROG Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP-PROG Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP-PROG Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP-PROG Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP-PROG Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.2.4. Delay Circuit
The delay circuit of ESP-Prog includes the bus buffer, inverter, MOS tube, first-order RC circuit, and
other components. This delay circuit ensures that the ESP32 chip can power up or reset itself, before
connecting with the JTAG signal, thus protecting the chip from the influence of JTAG on power-up or
reset.
3.2.5. LED Status Indication
The red LED lights up when the system is connected to the 3.3V power;
The green LED lights up when ESP-Prog is downloading data to ESP32;
The blue LED lights up when ESP-Prog is receiving data from ESP32.
3.2.6. Pin Headers
Users can choose either the 3.3V or 5V power supply for the Program and JTAG interfaces, using the
pin headers shown in the figure below.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com