Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S3 Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S3
Description  2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S3 Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
2
Pin Definition
SPIHD
SIO3
ESP32-S3R8 / ESP32-S3R8V
In-package PSRAM (8 MB, Octal SPI)
SPICLK
CLK
SPICS1
CE#
SPID
DQ0
SPIQ
DQ1
SPIWP
DQ2
SPIHD
DQ3
GPIO33
DQ4
GPIO34
DQ5
GPIO35
DQ6
GPIO36
DQ7
GPIO37
DQS/DM
2.7 Power Scheme
ESP32-S3 has six input power pins:
• VDDA1
• VDDA2
• VDD3P3 × 2
• VDD3P3_RTC
• VDD3P3_CPU
And one input/output power pin:
• VDD_SPI
VDDA1, VDDA2, and the two VDD3P3 pins are the input power supply for the analog domain.
VDD_SPI can be an input power supply or output power supply. It can be powered by Flash Voltage Regulator
(nominal 1.8 V) or by VDD3P3_RTC via RSP I (nominal 3.3 V). As the in-package flash/PSRAM in ESP32-S3FN8,
ESP32-S3R2, and ESP32-S3R8 operates at 3.3 V, VDD_SPI must be powered by VDD3P3_RTC via RSP I .
Software can power off VDD_SPI to minimize current leakage of flash in Deep-sleep mode.
VDD3P3_RTC is the input power supply for Low Power Voltage Regulator that powers the RTC domain.
VDD3P3_CPU and VDD3P3_RTC power Digital System Voltage Regulator at the same time that further powers
the Digital System domain.
VDD3P3_RTC is the input power supply for RTC IO.
VDD3P3_CPU is the input power supply for Digital IO.
VDD_SPI is the input power supply for SPI IO.
Either VDD_SPI or VDD3P3_CPU can be selected as the input power supply for SPI/Digital IO.
The power scheme diagram is shown in Figure 2-2.
Espressif Systems
21
Submit Documentation Feedback
ESP32-S3 Series Datasheet v1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com