Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP2M4 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP2M4
Description  Silicon MOS FET type integrated circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP2M4 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP2M4 Datasheet HTML 1Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 2Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 3Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 4Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 5Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 6Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 7Page - Panasonic Semiconductor MIP2M4 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication date: November 2010
Ver. AEF
1
MIP2M40MS
Silicon MOS FET type integrated circuit
Features
AC input detecting function
By connecting SO terminal, it is able to select functions as below:
1) Boot up and stop operation according to AC input or output (short-
circuit SO teminal to VDD terminal)
2) Signal output form SO terminal when AC input is low and transmit to
the secondary side (connect an external element to SO terminal)
Built-in jitter function
Power consumption 30 mW or less at a no load is achieved
Protection function is built into.
(over load protection, over voltage protection, over heat protection)
Applications
Thin TVs and othes
Absolute Maximum Ratings Ta = 25°C±3°C
Parameter
Symbol
Rating
Unit
DRAIN voltage
VD
-
0.3 to +700
V
VCC voltage
VCC
-
0.3 to +45
V
VDD voltage
VDD
-
0.3 to +8
V
FB voltage
VFB
-
0.3 to +6.4
V
FB current
IFB
-
500
m
A
LS voltage
VLS
-
0.3 to +10
V
SO voltage
VSO
-
0.3 to +7
V
Output peak current *
IDP
2.2
A
Channel temperature
Tch
150
°
C
Storage temperature
Tstg
-
55 to +150
°
C
Note) *: The guarantee within the following pulse width.
Leading edge blanking delay + Current limit delay ton(BLK) + td(OCL)
Package
Code
DIP7-A1
Pin Name
1. VDD
5. DRAIN
2. FB
6. 
3. SO
7. SOURCE
4. VCC
8. LS
Marking Symbol: MIP2M4


Similar Part No. - MIP2M4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP289 PANASONIC-MIP289 Datasheet
251Kb / 3P
Silicon MOS integrated circuit
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
MIP2C10MP PANASONIC-MIP2C10MP Datasheet
216Kb / 3P
MIP2C10MP
MIP2C2 PANASONIC-MIP2C2 Datasheet
84Kb / 3P
MIP2C2 High-Performance IPD for Battery Chargers
MIP2E3DMY PANASONIC-MIP2E3DMY Datasheet
177Kb / 3P
MIP2E3DMY
More results

Similar Description - MIP2M4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V16100FT-10 TOSHIBA-TC55V16100FT-10 Datasheet
427Kb / 8P
MOS DIGITAL INTEGRATED CIRCUIT SILICON CMOS
logo
Panasonic Semiconductor
MIP515 PANASONIC-MIP515 Datasheet
64Kb / 3P
Silicon MOSFET type Integrated Circuit
MIP517 PANASONIC-MIP517 Datasheet
76Kb / 3P
Silicon MOSFET type integrated circuit
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
Panasonic Battery Group
MIP2F20MTSCF PANASONICBATTERY-MIP2F20MTSCF Datasheet
237Kb / 7P
Silicon MOS type integrated circuit
logo
Panasonic Semiconductor
MIP3E40MY PANASONIC-MIP3E40MY Datasheet
333Kb / 3P
Silicon MOS integrated circuit
MIP0254SP PANASONIC-MIP0254SP Datasheet
379Kb / 3P
Silicon MOS type integrated circuit
June 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com