Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST24C02R Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST24C02R
Description  SERIAL 2K (256 x 8) EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24C02R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST24C02R Datasheet HTML 8Page - STMicroelectronics ST24C02R Datasheet HTML 9Page - STMicroelectronics ST24C02R Datasheet HTML 10Page - STMicroelectronics ST24C02R Datasheet HTML 11Page - STMicroelectronics ST24C02R Datasheet HTML 12Page - STMicroelectronics ST24C02R Datasheet HTML 13Page - STMicroelectronics ST24C02R Datasheet HTML 14Page - STMicroelectronics ST24C02R Datasheet HTML 15Page - STMicroelectronics ST24C02R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ORDERING INFORMATION SCHEME
Notes:
3 * Temperature range on special request only.
5 * Temperature range for ST24C02R only.
Parts are shipped with the memory content set at all "1’s" (FFh).
For a list of available options (Operating Voltage, Range, Package, etc...) refer to the current Memory
Shortform catalogue.
For further information on any aspect of this device, please contact the SGS-THOMSON Sales Office
nearest to you.
Operating Voltage
ST24C02
3V to 5.5V
ST24W02
3V to 5.5V
ST25C02
2.5V to 5.5V
ST25W02
2.5V to 5.5V
ST24C02R
1.8V to 5.5V
Range
Standard
Hardware Write Control
Standard
Hardware Write Control
Standard
Package
B
PSDIP8
0.25mm Frame
M
SO8 150mil Width
Temperature Range
1
0 to 70
°C
5 *
–20 to 85
°C
6
–40 to 85
°C
3 *
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST24C02
M
1
TR
13/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com